Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDS049PWR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # SN65LVDS049PWR
Description  DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDS049PWR Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN65LVDS049PWR Datasheet HTML 4Page - Texas Instruments SN65LVDS049PWR Datasheet HTML 5Page - Texas Instruments SN65LVDS049PWR Datasheet HTML 6Page - Texas Instruments SN65LVDS049PWR Datasheet HTML 7Page - Texas Instruments SN65LVDS049PWR Datasheet HTML 8Page - Texas Instruments SN65LVDS049PWR Datasheet HTML 9Page - Texas Instruments SN65LVDS049PWR Datasheet HTML 10Page - Texas Instruments SN65LVDS049PWR Datasheet HTML 11Page - Texas Instruments SN65LVDS049PWR Datasheet HTML 12Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.ti.com
0
100
200
300
400
500
600
40
60
80
100
120
140
160
VCC = 3.3 V,
TA = 25°C
RL - Load Resistance - Ω
0
10
20
30
40
50
60
0.1
1
10
100
1000
f - Frequency - MHz
Single Receiver
Single Driver
VCC = 3.3 V,
TA = 25°C,
RL = 100 Ω,
CL = 15 pF Distributed,
VID = 400 mV p-p,
VI = 3 V
All Switching
SN65LVDS049
SLLS575 – AUGUST 2003
TYPICAL CHARACTERISTICS
Power Supply Current
VOD vs. Load Resistance
vs. Frequency
Figure 6.
Figure 7.
9


Similar Part No. - SN65LVDS049PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS049PWR TI-SN65LVDS049PWR Datasheet
370Kb / 14P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65LVDS049PWRG4 TI-SN65LVDS049PWRG4 Datasheet
370Kb / 14P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
More results

Similar Description - SN65LVDS049PWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS049 TI-SN65LVDS049_09 Datasheet
370Kb / 14P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65LVDS049 TI-SN65LVDS049 Datasheet
179Kb / 1P
[Old version datasheet]   DUAL LVDS DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_V01 Datasheet
921Kb / 26P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
REVISED NOVEMBER 2009
SN75C1167NSE4 TI1-SN75C1167NSE4 Datasheet
933Kb / 20P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com