Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN54HC684 Datasheet(PDF) 1 Page - Texas Instruments

Part # SN54HC684
Description  8-BIT MAGNITUDE COMPARATORS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN54HC684 Datasheet(HTML) 1 Page - Texas Instruments

  SN54HC684 Datasheet HTML 1Page - Texas Instruments SN54HC684 Datasheet HTML 2Page - Texas Instruments SN54HC684 Datasheet HTML 3Page - Texas Instruments SN54HC684 Datasheet HTML 4Page - Texas Instruments SN54HC684 Datasheet HTML 5Page - Texas Instruments SN54HC684 Datasheet HTML 6Page - Texas Instruments SN54HC684 Datasheet HTML 7Page - Texas Instruments SN54HC684 Datasheet HTML 8Page - Texas Instruments SN54HC684 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SN54HC684, SN74HC684
8-BIT MAGNITUDE COMPARATORS
SCLS340B – MARCH 1996 – REVISED MARCH 2003
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Wide Operating Voltage Range of 2 V to 6 V
D High-Current Outputs Drive Up To 10
LSTTL Loads
D Low Power Consumption, 80-µA Max ICC
D Typical tpd = 22 ns
D ±4-mA Output Drive at 5 V
D Low Input Current of 1 µA Max
D Compare Two 8-Bit Words
SN54HC684 ...J OR W PACKAGE
SN74HC684 . . . DW OR N PACKAGE
(TOP VIEW)
SN54HC684 . . . FK PACKAGE
(TOP VIEW)
32 1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
Q7
P7
Q6
P6
Q5
P1
Q1
P2
Q2
P3
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
P > Q
P0
Q0
P1
Q1
P2
Q2
P3
Q3
GND
VCC
P = Q
Q7
P7
Q6
P6
Q5
P5
Q4
P4
description/ordering information
These magnitude comparators perform comparisons of two 8-bit binary or BCD words. These devices provide
P = Q and P > Q outputs.
ORDERING INFORMATION
TA
PACKAGE†
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
PDIP – N
Tube
SN74HC684N
SN74HC684N
–40
°C to 85°C
SOIC
DW
Tube
SN74HC684DW
HC684
SOIC – DW
Tape and reel
SN74HC684DWR
HC684
CDIP – J
Tube
SNJ54HC684J
SNJ54HC684J
–55
°C to 125°C
CFP – W
Tube
SNJ54HC684W
SNJ54HC684W
LCCC – FK
Tube
SNJ54HC684FK
SNJ54HC684FK
† Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines
are available at www.ti.com/sc/package.
FUNCTION TABLE
DATA
INPUTS
OUTPUTS
INPUTS
P, Q
P = Q
P > Q
P = Q
L
H
P > Q
H
L
P < Q
H
H
The P < Q function can be
generated by applying P = Q
and P > Q to a 2-input NAND
gate.
Copyright
 2003, Texas Instruments Incorporated
UNLESS OTHERWISE NOTED this document contains PRODUCTION
DATA information current as of publication date. Products conform to
specifications per the terms of Texas Instruments standard warranty.
Production processing does not necessarily include testing of all
parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - SN54HC684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC684 TI-SN54HC684 Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684 Datasheet
416Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684FK TI-SN54HC684FK Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684J TI-SN54HC684J Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684W TI-SN54HC684W Datasheet
119Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
More results

Similar Description - SN54HC684

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54AS885 TI1-SN54AS885_15 Datasheet
367Kb / 15P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC684 TI-SN54HC684_07 Datasheet
416Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885 Datasheet
153Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682 Datasheet
273Kb / 9P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN54LS682 MOTOROLA-SN54LS682 Datasheet
216Kb / 6P
   8-BIT MAGNITUDE COMPARATORS
logo
Texas Instruments
SN54AS885 TI-SN54AS885_07 Datasheet
497Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54HC682 TI-SN54HC682_07 Datasheet
417Kb / 11P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS885 TI-SN54AS885_08 Datasheet
527Kb / 18P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
SN54AS866 TI-SN54AS866 Datasheet
115Kb / 7P
[Old version datasheet]   8-BIT MAGNITUDE COMPARATORS
logo
Motorola, Inc
SN74LS689 MOTOROLA-SN74LS689 Datasheet
287Kb / 7P
   8-BIT MAGNITUDE COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com