Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DTC123J Datasheet(PDF) 1 Page - Unisonic Technologies

Part # DTC123J
Description  NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

DTC123J Datasheet(HTML) 1 Page - Unisonic Technologies

  DTC123J Datasheet HTML 1Page - Unisonic Technologies DTC123J Datasheet HTML 2Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
UTCDTC123J
NPN DIGITAL TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R206-076,A
NPN DIGITAL TRANSISTOR
(BUILT-IN RESISTORS)
FEATURES
* Built-in bias resistors enable the configuration of an inverter
circuit without connecting external input resistors (see
equivalent circuit).
* The bias resistors consist of thin-film resistors with
complete isolation to allow negative biasing of the input.
They also have the advantage of almost completely
eliminating parasitic effects.
* Only the on/off conditions need to be set for operation,
making device design easy.
EQUIVALENT CIRCUIT
IN
OUT
OUT
IN
GND
R1
R2
GND
MARKING
SOT-23
1
2
3
1: GND
2: IN
3: OUT
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply voltage
VCC
50
V
Input voltage
VIN
-5 ~ +12
V
IO
100
Output current
IC (Max.)
100
mA
Power Dissipation
PD
200
mW
Junction temperature
Tj
150
Storage temperature
Tstg
-55 ~ +150
ELECTRICAL CHARACTERISTICS (Ta = 25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
VI (off)
VCC=5V, IO=100μA
0.5
Input voltage
VI (on)
VO=0.3V, IO=5mA
1.1
V
Output voltage
VO (on)
IO/II=5mA/0.25mA
0.1
0.3
V
Input current
II
VI=5V
3.6
mA
Output current
IO (off)
VCC=50V, VI=0V
0.5
μ
A
DC current gain
GI
VO=5V, IO=10mA
80
Input resistance
R1
1.54
2.2
2.86
KΩ
Resistance ratio
R2/R1
17
21
26
Transition frequency
fT
VCE=10V, IE=−5mA, f=100MHz *
250
MHz
* Transition frequency of the device
CC3J


Similar Part No. - DTC123J

ManufacturerPart #DatasheetDescription
logo
Rohm
DTC123J ROHM-DTC123J Datasheet
704Kb / 9P
   DIGITAL TRANSISTOR
logo
Unisonic Technologies
DTC123J UTC-DTC123J Datasheet
177Kb / 3P
   NPN DIGITAL TRANSISTOR
logo
Rohm
DTC123J ROHM-DTC123J Datasheet
558Kb / 11P
   NPN 100mA 50V Digital Transistors (Bias Resistor Built-in Transistors)
DTC123J ROHM-DTC123J Datasheet
4Mb / 12P
   NPN 100mA 50V Digital Transistors
DTC123J ROHM-DTC123J Datasheet
1Mb / 13P
   NPN 100mA 50V Digital Transistor
More results

Similar Description - DTC123J

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC143Z UTC-DTC143Z Datasheet
93Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114Y UTC-DTC114Y Datasheet
113Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC124E UTC-DTC124E Datasheet
111Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC123Y UTC-DTC123Y Datasheet
104Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143E UTC-DTC143E Datasheet
152Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143X UTC-DTC143X Datasheet
114Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC143X UTC-DTC143X_11 Datasheet
111Kb / 2P
   NPN DIGITAL TRANSISTOR BUILT-IN RESISTORS)
DTC143Z UTC-DTC143Z_11 Datasheet
150Kb / 3P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC114E UTC-DTC114E Datasheet
114Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
DTC115E UTC-DTC115E Datasheet
178Kb / 2P
   NPN DIGITAL TRANSISTOR (BUILT-IN RESISTORS)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com