Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK303 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SK303
Description  Low-Frequency General-Purpose Amplifier Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SK303 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SK303 Datasheet HTML 1Page - Unisonic Technologies 2SK303 Datasheet HTML 2Page - Unisonic Technologies 2SK303 Datasheet HTML 3Page - Unisonic Technologies 2SK303 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UTC2SK303
JFET
UTC UNISONIC TECHNOLOGIES CO., LTD.
1
QW-R206-071,A
Low-Frequency General-Purpose
Amplifier Applications
FEATURES
* Ideal for potentiometers, analog switches, low
frequency amplifiers, constant current supplies, and
impedance conversion.
SOT-23
1
3
2
1: Drain
2: Source 3: Gate
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-to-Source Voltage
VDSS
30
V
Gate-to-Drain Voltage
VGDS
-30
V
Gate Current
IG
10
mA
Drain Current
ID
20
mA
Allowable Power Dissipation
PD
200
mW
Junctin Temperature
Tj
150
Storage Temperature
Tstg
-55 ~ +150
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gate-to-Drain
V(BR)GDS
IG=-10μA
-30
V
Gate-to-Source Leakage Current
IGSS
VGS=-20V
-1.0
nA
Zero-Gate Voltage Drain Current
IDSS*
VDS=10V, VGS=0
0.6*
12.0*
mA
Cutoff Voltage
VGS(off)
VDS=10V, ID=1μA
-1
-4
V
Forward Transfer Admittance
| yfs |
VDS=10V, VGS=0, f=1MHz
2.5
6.0
mS
Input Capacitance
CiSS
VDS=10V, VGS=0, f=1MHz
5
pF
Reverse Transfer Capacitance
CrSS
VDS=10V, VGS=0, f=1MHz
1.5
pF
Drain-to- Source ON Resistance
RDS (ON)
VDS=10mV, VGS=0
250
CLASSIFICATION OF IDSS
RANK
V2
V3
V4
V5
MARKING CODE
V2
V3
V4
V5
IDSS (mA)
0.6 ~ 1.5
1.2 ~ 3.0
2.5 ~ 6.0
5.0 ~ 12.0


Similar Part No. - 2SK303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK303 SANYO-2SK303 Datasheet
86Kb / 3P
   Low-Frequency General-Purpose Amp Applications
logo
Guangdong Kexin Industr...
2SK303 KEXIN-2SK303 Datasheet
40Kb / 1P
   N-Channel Junction Silicon FET
logo
Unisonic Technologies
2SK303 UTC-2SK303 Datasheet
135Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
2SK303 UTC-2SK303 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Panasonic Semiconductor
2SK3030 PANASONIC-2SK3030 Datasheet
24Kb / 1P
   Silicon N-Channel Power F-MOS FET
More results

Similar Description - 2SK303

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
EC3101C SANYO-EC3101C Datasheet
35Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
15C01SS SANYO-15C01SS_12 Datasheet
514Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
50C02CH SANYO-50C02CH Datasheet
56Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
logo
Unisonic Technologies
2SK303 UTC-2SK303_11 Datasheet
131Kb / 2P
   LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
logo
Sanyo Semicon Device
12A02CH SANYO-12A02CH Datasheet
41Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
08C02SS SANYO-08C02SS Datasheet
30Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A01SS SANYO-12A01SS Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02MH SANYO-12A02MH Datasheet
32Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
50A02CH SANYO-50A02CH Datasheet
33Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
30A01SP SANYO-30A01SP Datasheet
31Kb / 4P
   Low-Frequency General-Purpose Amplifier Applications
12A02CH SANYO-12A02CH_12 Datasheet
520Kb / 6P
   Low-Frequency General-Purpose Amplifier Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com