Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD468 Datasheet(PDF) 3 Page - Unisonic Technologies

Part No. 2SD468
Description  LOW FREQUENCY POWER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD468 Datasheet(HTML) 3 Page - Unisonic Technologies

  2SD468 Datasheet HTML 1Page - Unisonic Technologies 2SD468 Datasheet HTML 2Page - Unisonic Technologies 2SD468 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UTC2SD468
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
3
QW-R201-050,A
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
UA1029 LOW FREQUENCY POWER AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
TA8227P LOW FREQUENCY POWER AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
MC3419 LOW POWER AUDIO AMPLIFIER 1  2  3  4  Unisonic Technologies
TL062_05 LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
2SC3356 HIGH FREQUENCY LOW NOISE AMPLIFIER 1  2  3  Unisonic Technologies
NJ88C50 Dual Low Power Frequency Synthesiser 1  2  3  4  5  More Zarlink Semiconductor Inc
2SB965 PNP Silicon Epitaxial/NPN Triple Diffused Transistor Audio Frequency Power Amplifier 1  NEC
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor
2SJ114 HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER 1  2  3  Hitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn