Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SD468 Datasheet(PDF) 2 Page - Unisonic Technologies

Part No. 2SD468
Description  LOW FREQUENCY POWER AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SD468 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SD468 Datasheet HTML 1Page - Unisonic Technologies 2SD468 Datasheet HTML 2Page - Unisonic Technologies 2SD468 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTC2SD468
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
2
QW-R201-050,A
CLASSIFICATION OF hFE
RANK
B
C
RANGE
85 - 170
120 - 240
TYPICAL PERFORMANCE CHARACTERISTICS


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
UA1029 LOW FREQUENCY POWER AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
TA8227P LOW FREQUENCY POWER AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
MC3419 LOW POWER AUDIO AMPLIFIER 1  2  3  4  Unisonic Technologies
TL062_05 LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
2SC3356 HIGH FREQUENCY LOW NOISE AMPLIFIER 1  2  3  Unisonic Technologies
NJ88C50 Dual Low Power Frequency Synthesiser 1  2  3  4  5  More Zarlink Semiconductor Inc
2SB965 PNP Silicon Epitaxial/NPN Triple Diffused Transistor Audio Frequency Power Amplifier 1  NEC
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor
2SJ114 HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER 1  2  3  Hitachi Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn