Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3647 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SC3647
Description  HIGH-VOLTAGE SWITCHING APPLICATIONS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SC3647 Datasheet(HTML) 2 Page - Unisonic Technologies

  2SC3647 Datasheet HTML 1Page - Unisonic Technologies 2SC3647 Datasheet HTML 2Page - Unisonic Technologies 2SC3647 Datasheet HTML 3Page - Unisonic Technologies 2SC3647 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC3647
NPN EPITAXIAL SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2
www.unisonic.com.tw
QW-R208-039,A
ABSOLUATE MAXIUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector to Base Voltage
VCBO
120
V
Collector to Emitter Voltage
VCEO
100
V
Emitter to Base Voltage
VEBO
6
V
Collector Current
IC
2
A
Collector Current (Pulse)
ICP
3
A
Collector Dissipation
PC
500
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-40 ~ +150
°C
ELECTRICAL CHARACTERISTICS (Ta= 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
C-E Saturation Voltage
VCE(sat)
IC = 1A, IB = 100mA
0.13
0.4
V
B-E Saturation Voltage
VBE(sat)
IC = 1A, IB = 100mA
0.85
1.2
V
C-B Breakdown Voltage
V(BR)CBO
IC = 10µA, IE =0
120
V
C-E Breakdown Voltage
V(BR)CEO
IC = 1mA, RBE =∞
100
V
E-B Breakdown Voltage
V(BR)EBO
IE = 10µA, IC=0
6
V
Collector Cutoff Curent
ICBO
VCB = 100V, IE =0
100
nA
Emitter Cutoff Curent
IEBO
VEB = 4V, IC =0
100
nA
Output Capacitance
Cob
VCB = 10V, f =1MHz
16
pF
DC Current Gain
hFE
VCE = 5V, IC = 100mA
100
400
Turn-ON Time
tON
See specified Test Circuit.
80
ns
Storage Time
tSTG
See specified Test Circuit.
1000
ns
Fall Time
tF
See specified Test Circuit.
50
ns
Gain-Bandwidth Product
fT
VCE = 10V, IC = 100mA
120
MHz
CLASSIFICATION OF hFE
RANK
R
S
T
RANGE
100 ~ 200
140 ~ 280
200 ~ 400
SWITCHING TIME TEST CIRCUIT
PW=20μS
DC≤1%
IB1
RB
IB2
VR
50
+
100μ
-5V
INPUT
10IB1= -10IB2=IC=0.7A
Unit (Resistance:Ω, Capacitance:F )
470μ
+
50V
RL


Similar Part No. - 2SC3647

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3647 SANYO-2SC3647 Datasheet
126Kb / 4P
   High-Voltage Switching Applications
logo
Guangdong Kexin Industr...
2SC3647 KEXIN-2SC3647 Datasheet
515Kb / 3P
   High-Voltage Switching Applications
logo
Unisonic Technologies
2SC3647 UTC-2SC3647 Datasheet
335Kb / 5P
   HIGH-VOLTAGE SWITCHING APPLICATIONS
logo
Sanyo Semicon Device
2SC3647 SANYO-2SC3647 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
2SC3647 SANYO-2SC3647 Datasheet
446Kb / 7P
   High-Voltage Switching Applications
More results

Similar Description - 2SC3647

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3140 SANYO-CPH3140 Datasheet
47Kb / 4P
   High-Voltage Switching Applications
2SA1592 SANYO-2SA1592 Datasheet
128Kb / 4P
   High-Voltage Switching Applications
2SA1768 SANYO-2SA1768_12 Datasheet
489Kb / 7P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770_12 Datasheet
515Kb / 7P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5361 TOSHIBA-2SC5361_04 Datasheet
147Kb / 5P
   High-Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1417_0608 SANYO-2SA1417_0608 Datasheet
63Kb / 5P
   High-Voltage Switching Applications
logo
Toshiba Semiconductor
2SC5548 TOSHIBA-2SC5548_05 Datasheet
202Kb / 5P
   High Voltage Switching Applications
logo
Sanyo Semicon Device
2SA1768 SANYO-2SA1768 Datasheet
120Kb / 4P
   High-Voltage Switching Applications
2SA1770 SANYO-2SA1770 Datasheet
116Kb / 4P
   High-Voltage Switching Applications
2SC4450 SANYO-2SC4450 Datasheet
80Kb / 3P
   High-Voltage Switching Applications
2SC4451 SANYO-2SC4451 Datasheet
83Kb / 3P
   High-Voltage Switching Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com