Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4066BCSJ Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # CD4066BCSJ
Description  Quad Bilateral Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4066BCSJ Datasheet(HTML) 4 Page - Fairchild Semiconductor

  CD4066BCSJ Datasheet HTML 1Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 2Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 3Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 4Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 5Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 6Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 7Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 8Page - Fairchild Semiconductor CD4066BCSJ Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www.fairchildsemi.com
4
Typical Performance Characteristics
“ON” Resistance vs Signal
Voltage for TA = 25°C
“ON” Resistance as a Function
of Temperature for
VDD−VSS = 15V
“ON” Resistance as a Function
of Temperature for
VDD−VSS = 10V
“ON” Resistance as a Function
of Temperature for
VDD−VSS = 5V
Special Considerations
In applications where separate power sources are used to
drive VDD and the signal input, the VDD current capability
should exceed VDD/RL (RL = effective external load of the 4
CD4066BC bilateral switches). This provision avoids any
permanent current flow or clamp action of the VDD supply
when power is applied or removed from CD4066BC.
In certain applications, the external load-resistor current
may include both VDD and signal-line components. To
avoid drawing VDD current when switch current flows into
terminals 1, 4, 8 or 11, the voltage drop across the
bidirectional switch must not exceed 0.6V at TA ≤ 25°C, or
0.4V at TA > 25°C (calculated from RON values shown).
No VDD current will flow through RL if the switch current
flows into terminals 2, 3, 9 or 10.


Similar Part No. - CD4066BCSJ

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4066BCSJ FAIRCHILD-CD4066BCSJ Datasheet
111Kb / 9P
   Quad Bilateral Switch
More results

Similar Description - CD4066BCSJ

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
   QUAD BILATERAL SWITCH
logo
System Logic Semiconduc...
SL4066B SLS-SL4066B Datasheet
43Kb / 6P
   Quad Bilateral Switch
logo
Sanyo Semicon Device
LC4966 SANYO-LC4966 Datasheet
90Kb / 6P
   Quad Bilateral Switch
logo
STMicroelectronics
M54HC4016 STMICROELECTRONICS-M54HC4016 Datasheet
257Kb / 11P
   QUAD BILATERAL SWITCH
74LVQ4066 STMICROELECTRONICS-74LVQ4066_04 Datasheet
244Kb / 12P
   QUAD BILATERAL SWITCH
logo
Unisonic Technologies
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
UCD4066 UTC-UCD4066_15 Datasheet
273Kb / 8P
   QUAD BILATERAL SWITCH
U74HCT4066 UTC-U74HCT4066 Datasheet
201Kb / 6P
   QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4016 MICRO-ELECTRONICS-MMC4016 Datasheet
122Kb / 4P
   QUAD BILATERAL SWITCH
logo
IK Semicon Co., Ltd
IW4016B IKSEMICON-IW4016B Datasheet
388Kb / 10P
   Quad Bilateral Switch
logo
Toshiba Semiconductor
TC4066BP TOSHIBA-TC4066BP Datasheet
315Kb / 7P
   QUAD BILATERAL SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com