Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

CD4051BC Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. CD4051BC
Description  Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

CD4051BC Datasheet(HTML) 6 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
www.fairchildsemi.com
6
DC Electrical Characteristics (Continued)
Note 2: All voltages measured with respect to VSS unless otherwise specified.
Symbol
Parameter
Conditions
−55°C
+25°
125
°C
Units
Min
Max
Min
Typ
Max
Min
Max
Control Inputs A, B, C and Inhibit
VIL
LOW Level Input Voltage
VEE = VSS RL = 1 kΩ to VSS
IIS<2 µA on all OFF Channels
VIS = VDD thru 1 kΩ
VDD = 5V
1.5
1.5
1.5
V
VDD = 10V
3.0
3.0
3.0
VDD = 15V
4.0
4.0
4.0
VIH
HIGH Level Input Voltage
VDD = 5
3.5
3.5
3.5
V
VDD = 10
7
7
7
VDD = 15
11
11
11


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn