Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CD4047BCM Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part # CD4047BCM
Description  Low Power Monostable/Astable Multivibrator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4047BCM Datasheet(HTML) 6 Page - Fairchild Semiconductor

  CD4047BCM Datasheet HTML 1Page - Fairchild Semiconductor CD4047BCM Datasheet HTML 2Page - Fairchild Semiconductor CD4047BCM Datasheet HTML 3Page - Fairchild Semiconductor CD4047BCM Datasheet HTML 4Page - Fairchild Semiconductor CD4047BCM Datasheet HTML 5Page - Fairchild Semiconductor CD4047BCM Datasheet HTML 6Page - Fairchild Semiconductor CD4047BCM Datasheet HTML 7Page - Fairchild Semiconductor CD4047BCM Datasheet HTML 8Page - Fairchild Semiconductor CD4047BCM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
www.fairchildsemi.com
6
Typical Performance Characteristics
Typical Q, Q, Osc Out Period Accuracy vs
Supply Voltage (Astable Mode Operation)
Typical Q, Q, Pulse Width Accuracy vs
Supply Voltage Monostable Mode Operation
Typical Q, Q and Osc Out Period Accuracy
vs Temperature Astable Mode Operation
Typical Q and Q Pulse Width Accuracy vs
Temperature Monostable Mode Operation
fQ, Q
RC
A
1000 kHz
22k
10 pF
B
100 kHz
22k
100 pF
C
10 kHz
220k
100 pF
D
1 kHz
220k
1000 pF
E
100 Hz
2.2M
1000 pF
tM
RC
A
2
µs
22k
10 pF
B
7
µs
22k
100 pF
C
60
µs
220k
100 pF
D
550
µs
220k
1000 pF
E
5.5 ms
2.2M
1000 pF
fQ, Q
RC
A
1000 kHz
22k
10 pF
B
100 kHz
22k
100 pF
C
10 kHz
220k
100 pF
D
1 kHz
220k
1000 pF
tM
RC
A
2
µs
22k
10 pF
B
7
µs
22k
100 pF
C
60
µs
220k
100 pF
D
550
µs
220k
1000 pF
Note:
Minimum Value of R:
10 K
Maximum Value of R: 1 Meg
Minimum Value of C for Astable Mode: 100 pF
Minimum Value of C for Monostable Mode: 1000 pF


Similar Part No. - CD4047BCM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
CD4047BCM FAIRCHILD-CD4047BCM Datasheet
85Kb / 9P
   Low Power Monostable/Astable Multivibrator
More results

Similar Description - CD4047BCM

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4047BC NSC-CD4047BC Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
CD4047BM NSC-CD4047BM Datasheet
138Kb / 6P
   Low Power Monostable/Astable Multivibrator
logo
STMicroelectronics
HCF4047B STMICROELECTRONICS-HCF4047B Datasheet
799Kb / 12P
   LOW POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Micro Electronics
MMC4047 MICRO-ELECTRONICS-MMC4047 Datasheet
240Kb / 6P
   LOW POWER MONOSTABLE ASTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
CD4047BC FAIRCHILD-CD4047BC Datasheet
85Kb / 9P
   Low Power Monostable/Astable Multivibrator
logo
Nexperia B.V. All right...
HEF4047B NEXPERIA-HEF4047B Datasheet
276Kb / 22P
   Monostable/astable multivibrator
Rev. 6 - 17 March 2017
logo
NXP Semiconductors
HEF4047B PHILIPS-HEF4047B Datasheet
279Kb / 15P
   Monostable/astable multivibrator
January 1995
logo
Texas Instruments
CD4047B TI-CD4047B Datasheet
508Kb / 15P
[Old version datasheet]   CMOS LOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
logo
Intersil Corporation
CD4047BMS INTERSIL-CD4047BMS Datasheet
127Kb / 15P
   CMOS Low-Power Monostable/Astable Multivibrator
December 1992
logo
STMicroelectronics
HCC4047B STMICROELECTRONICS-HCC4047B Datasheet
302Kb / 15P
   LOW-POWELOW-POWER MONOSTABLE/ASTABLE MULTIVIBRATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com