Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CD4013BC Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part No. CD4013BC
Description  Dual D-Type Flip-Flop
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

CD4013BC Datasheet(HTML) 3 Page - Fairchild Semiconductor

  CD4013BC_02 Datasheet HTML 1Page - Fairchild Semiconductor CD4013BC_02 Datasheet HTML 2Page - Fairchild Semiconductor CD4013BC_02 Datasheet HTML 3Page - Fairchild Semiconductor CD4013BC_02 Datasheet HTML 4Page - Fairchild Semiconductor CD4013BC_02 Datasheet HTML 5Page - Fairchild Semiconductor CD4013BC_02 Datasheet HTML 6Page - Fairchild Semiconductor CD4013BC_02 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
www.fairchildsemi.com
Absolute Maximum Ratings(Note 2)
(Note 3)
Recommended Operating
Conditions (Note 3)
Note 2: “Absolute Maximum Ratings” are those values beyond which the
safety of the device cannot be guaranteed, they are not meant to imply that
the devices should be operated at these limits. The tables of “Recom-
mended Operating Conditions” and “Electrical Characteristics” provide con-
ditions for actual device operation.
Note 3: VSS = 0V unless otherwise specified.
DC Electrical Characteristics (Note 3)
Note 4: IOH and IOL are measured one output at a time.
DC Supply Voltage (VDD)
−0.5 V
DC to +18 VDC
Input Voltage (VIN)
−0.5 V
DC to VDD +0.5 VDC
Storage Temperature Range (TS)
−65°C to +150°C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering, 10 seconds)
260
°C
DC Supply Voltage (VDD)
+3 V
DC to +15 VDC
Input Voltage (VIN)0 VDC to VDD VDC
Operating Temperature Range (TA)
−55°C to +125°C
Symbol
Parameter
Conditions
−55°C
+25°C
+125°C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device
VDD = 5V, VIN = VDD or VSS
1.0
1.0
30
µA
Current
VDD = 10V, VIN = VDD or VSS
2.0
2.0
60
VDD = 15V, VIN = VDD or VSS
4.0
4.0
120
VOL
LOW Level
|IO| < 1.0 µA
V
Output Voltage
VDD = 5V
0.05
0.05
0.05
VDD = 10V
0.05
0.05
0.05
VDD = 15V
0.05
0.05
0.05
VOH
HIGH Level
|IO| < 1.0 µA
V
Output Voltage
VDD = 5V
4.95
4.95
4.95
VDD = 10V
9.95
9.95
9.95
VDD = 15V
14.95
14.95
14.95
VIL
LOW Level
|IO| < 1.0 µA
V
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
1.5
1.5
1.5
VDD = 10V, VO = 1.0V or 9.0V
3.0
3.0
3.0
VDD = 15V, VO = 1.5V or 13.5V
4.0
4.0
4.0
VIH
HIGH Level
|IO| < 1.0 µA
V
Input Voltage
VDD = 5V, VO = 0.5V or 4.5V
3.5
3.5
3.5
VDD = 10V, VO = 1.0V or 9.0V
7.0
7.0
7.0
VDD = 15V, VO = 1.5V or 13.5V
11.0
11.0
11.0
IOL
LOW Level Output
VDD = 5V, VO = 0.4V
0.64
0.51
0.88
0.36
mA
Current (Note 4)
VDD = 10V, VO = 0.5V
1.6
1.3
2.25
0.9
VDD = 15V, VO = 1.5V
4.2
3.4
8.8
2.4
IOH
HIGH Level Output
VDD = 5V, VO = 4.6V
−0.64
−0.51
−0.88
−0.36
mA
Current (Note 4)
VDD = 10V, VO = 9.5V
−1.6
−1.3
−2.25
−0.9
VDD = 15V, VO = 13.5V
−4.2
−3.4
−8.8
−2.4
IIN
Input Current
VDD = 15V, VIN = 0V
−0.1
−10−5
−0.1
−1.0
µA
VDD = 15V, VIN = 15V
0.1
10−5
0.1
1.0


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn