Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1300 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1300
Description  PNP EPITAXIAL SILICON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1300 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1300 Datasheet HTML 1Page - Unisonic Technologies 2SA1300 Datasheet HTML 2Page - Unisonic Technologies 2SA1300 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC 2SA1300
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R208-012,A
SILICON PNP EPITAXAL TYPE
DESCRIPTION
*Strobo Flash Applications.
*Medium Power Amplifier Applications.
FEATURES
*High DC Current Gain and Excellent hFE Linearity.
*hFE(1)=140-600, (VCE= -1V,IC= -0.5A)
*hFE(2)=60(Min.),120(Typ.),(VCE= -1V,IC= -4A)
*Low Saturation Voltage
*VCE (sat)= -0.5V(Max.), (IC= -2A,IE= -50mA)
SOT-89
1
1: Emitter 2: Collector 3:Base
ABSOLUTE MAXIMUM RATINGS (TA=25°C)
PARAMETER
SYMBOL
RATIOS
UNIT
Collector-Base Voltage
VCBO
-20
V
VCES
-20
Collector-Emitter Voltage
VCEO
-10
V
Emitter-Base Voltage
VEBO
-6
V
DC
Ic
-2
Collector Current
Pulsed (Note)
lcP
-5
A
Base Current
IB
-2
A
Collector Power Dissipation
Pc
750
mW
Junction Temperature
Tj
150
°C
Storage Temperature Range
Tstg
-55~150
°C
Note :Pulse Width= 10ms(Max.),Duty Cycle=30%(Max.)
ELECTRICAL CHARACTERISTICS (TA=25°C)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-emitter breakdown voltage V(BR)CEO
IC=10mA, IB=0
-10
-
-
V
Emitter-collector breakdown voltage
V(BR)EBO
IE= -1mA, IC=0
-6
-
-
V
Collector cut-off current
ICBO
VCE = -20V, IE =0
-
-
-100
nA
Emitter cut-off current
IEBO
VBE = -6V, IC =0
-
-
-100
nA
hFE1
VCE= -1V, Ic=0.5A
140
-
600
DC current Gain
hFE2
VCE= -1V, Ic= -4A
60
120
-
Collector-emitter saturation voltage
VCE(sat)
Ic= -2A, IB= -50mA
-
-0.2
-0.5
V
Base-emitter voltage
VBE
VCE= -1V, Ic= -2A
-
-0.83
-1.5
V
Current gain bandwidth product
fT
VCE= -1V,Ic= -0.5A
-
140
-
MHz
Output capacitance
Cob
VCE= -10V, IE=0, f=1MHz
-
50
-
pF
CLASSIFICATIONS OF hFE1
RANK
Y
GR
BL


Similar Part No. - 2SA1300

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300 Datasheet
153Kb / 2P
   TRANSISTOR (STROBO FLASH MEDIUM POWER AMPLIFIER APPLICATIONS)
logo
TRANSYS Electronics Lim...
2SA1300 TEL-2SA1300 Datasheet
66Kb / 1P
   Plastic-Encapsulated Transistors
logo
Toshiba Semiconductor
2SA1300 TOSHIBA-2SA1300 Datasheet
334Kb / 3P
   Strobe Flash Applications Medium Power Amplifier Applications
logo
Dc Components
2SA1300 DCCOM-2SA1300 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF PNP EPITAXIAL PLANAR TRANSISTOR
logo
SeCoS Halbleitertechnol...
2SA1300 SECOS-2SA1300 Datasheet
401Kb / 2P
   PNP Plastic Encapsulated Transistor
More results

Similar Description - 2SA1300

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com