Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVXT4051 Datasheet(PDF) 3 Page - ON Semiconductor

Part # MC74LVXT4051
Description  Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVXT4051 Datasheet(HTML) 3 Page - ON Semiconductor

  MC74LVXT4051_05 Datasheet HTML 1Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 2Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 3Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 4Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 5Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 6Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 7Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 8Page - ON Semiconductor MC74LVXT4051_05 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
MC74LVXT4051
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
*7.0 to )0.5
V
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
*0.5 to )7.0
*0.5 to )7.0
V
VIS
Analog Input Voltage
VEE
*0.5 to V
CC )0.5
V
VIN
Digital Input Voltage
(Referenced to GND)
*0.5 to 7.0
V
I
DC Current, Into or Out of Any Pin
$20
mA
TSTG
Storage Temperature Range
*65 to )150
_C
TL
Lead Temperature, 1 mm from Case for 10 Seconds
260
_C
TJ
Junction Temperature under Bias
)150
_C
qJA
Thermal Resistance
SOIC
TSSOP
143
164
°C/W
PD
Power Dissipation in Still Air,
SOIC
TSSOP
500
450
mW
MSL
Moisture Sensitivity
Level 1
FR
Flammability Rating
Oxygen Index: 30% − 35%
UL 94−V0 @ 0.125 in
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
u2000
u200
u1000
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 4)
$300
mA
Maximum ratings are those values beyond which device damage can occur. Maximum ratings applied to the device are individual stress limit
values (not normal operating conditions) and are not valid simultaneously. If these limits are exceeded, device functional operation is not implied,
damage may occur and reliability may be affected.
1. Tested to EIA/JESD22−A114−A.
2. Tested to EIA/JESD22−A115−A.
3. Tested to JESD22−C101−A.
4. Tested to EIA/JESD78.
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VEE
Negative DC Supply Voltage
(Referenced to GND)
*6.0
GND
V
VCC
Positive DC Supply Voltage
(Referenced to GND)
(Referenced to VEE)
2.5
2.5
6.0
6.0
V
VIS
Analog Input Voltage
VEE
VCC
V
VIN
Digital Input Voltage
(Note 5) (Referenced to GND)
0
6.0
V
TA
Operating Temperature Range, All Package Types
*55
125
_C
tr, tf
Input Rise/Fall Time
VCC = 3.0 V $ 0.3 V
(Channel Select or Enable Inputs)
VCC = 5.0 V $ 0.5 V
0
0
100
20
ns/V
5. Unused inputs may not be left open. All inputs must be tied to a high−logic voltage level or a low−logic input voltage level.
DEVICE JUNCTION TEMPERATURE VERSUS
TIME TO 0.1% BOND FAILURES
Junction
Temperature
°C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 3. Failure Rate vs. Time Junction Temperature
TIME, YEARS


Similar Part No. - MC74LVXT4051_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVXT4051D ONSEMI-MC74LVXT4051D Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4051DG ONSEMI-MC74LVXT4051DG Datasheet
158Kb / 14P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
MC74LVXT4051DR2 ONSEMI-MC74LVXT4051DR2 Datasheet
153Kb / 16P
   ANALOG MULTIPLEXER DEMULTIPLEXER HIGH-PERFORMANCE SILICON-GATE CMOS
January, 2002 ??Rev. 3
MC74LVXT4051DR2G ONSEMI-MC74LVXT4051DR2G Datasheet
180Kb / 15P
   Analog Multiplexer Demultiplexer
May, 2011 ??Rev. 5
More results

Similar Description - MC74LVXT4051_05

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX8051 ONSEMI-MC74LVX8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com