Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX8051DR2 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC74LVX8051DR2
Description  Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX8051DR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC74LVX8051DR2 Datasheet HTML 1Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 2Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 3Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 4Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 5Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 6Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 7Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 8Page - ON Semiconductor MC74LVX8051DR2 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
© Semiconductor Components Industries, LLC, 2005
April, 2005 − Rev. 4
1
Publication Order Number:
MC74LVX8051/D
MC74LVX8051
Analog Multiplexer /
Demultiplexer
High−Performance Silicon−Gate CMOS
The MC74LVX8051 utilizes silicon−gate CMOS technology to
achieve fast propagation delays, low ON resistances, and low OFF
leakage currents. This analog multiplexer/demultiplexer controls
analog voltages that may vary across the complete power supply range
(from VCC to GND).
The LVX8051 is similar in pinout to the high−speed HC4051A and
the metal−gate MC14051B. The Channel−Select inputs determine
which one of the Analog Inputs/Outputs is to be connected, by means
of an analog switch, to the Common Output/Input. When the Enable
pin is HIGH, all analog switches are turned off.
The Channel−Select and Enable inputs are compatible with standard
CMOS outputs; with pull−up resistors they are compatible with
LSTTL outputs.
This device has been designed so that the ON resistance (Ron) is
more linear over input voltage than Ron of metal−gate CMOS analog
switches.
Features
Fast Switching and Propagation Speeds
Low Crosstalk Between Switches
Diode Protection on All Inputs/Outputs
Analog Power Supply Range (V
CC − GND) = 2.5 to 6.0 V
Digital (Control) Power Supply Range (V
CC − GND) = 2.5 to 6.0 V
Improved Linearity and Lower ON Resistance Than Metal−Gate
Counterparts
Low Noise
In Compliance With the Requirements of JEDEC Standard No. 7A
Chip Complexity: LVX8051 − 184 FETs or 46 Equivalent Gates
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
http://onsemi.com
MARKING
DIAGRAMS
A
= Assembly Location
WL or L
= Wafer Lot
Y
= Year
WW or W
= Work Week
TSSOP−16
DT SUFFIX
CASE 948F
SOEIAJ−16
M SUFFIX
CASE 966
SOIC−16
D SUFFIX
CASE 751B
See detailed ordering and shipping information in the package
dimensions section on page 2 of this data sheet.
ORDERING INFORMATION
LVX8051
AWLYWW
LVX
8051
ALYW
LVX8051
ALYW
1
16
1
16
1
16


Similar Part No. - MC74LVX8051DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX8051DR2G ONSEMI-MC74LVX8051DR2G Datasheet
172Kb / 12P
   Analog Multiplexer/ Demultiplexer
August, 2014 ??Rev. 6
More results

Similar Description - MC74LVX8051DR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4052 ONSEMI-MC74LVX4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVXT8051 ONSEMI-MC74LVXT8051_05 Datasheet
161Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
MC74LVXT4051 ONSEMI-MC74LVXT4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4052 ONSEMI-MC74LVXT4052_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVXT4053 ONSEMI-MC74LVXT4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4053 ONSEMI-MC74LVX4053_05 Datasheet
147Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 5
MC74LVX4051 ONSEMI-MC74LVX4051_05 Datasheet
148Kb / 14P
   Analog Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 6
MC74LVX8053 ONSEMI-MC74LVX8053_05 Datasheet
160Kb / 14P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
April, 2005 ??Rev. 4
MC74LVXT8053 ONSEMI-MC74LVXT8053_05 Datasheet
160Kb / 12P
   Analog Multiplexer / Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 4
MC74LVX4066 ONSEMI-MC74LVX4066_05 Datasheet
173Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer High?뭁erformance Silicon?묰ate CMOS
March, 2005 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com