Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F240 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # 74F240
Description  Octal Buffers/Line Drivers with 3-STATE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74F240 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  74F240_04 Datasheet HTML 1Page - Fairchild Semiconductor 74F240_04 Datasheet HTML 2Page - Fairchild Semiconductor 74F240_04 Datasheet HTML 3Page - Fairchild Semiconductor 74F240_04 Datasheet HTML 4Page - Fairchild Semiconductor 74F240_04 Datasheet HTML 5Page - Fairchild Semiconductor 74F240_04 Datasheet HTML 6Page - Fairchild Semiconductor 74F240_04 Datasheet HTML 7Page - Fairchild Semiconductor 74F240_04 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Symbol
Parameter
TA = +25°CTA = −55°C to +125°CTA = 0°C to +70°C
Units
VCC = +5.0V
VCC = 5.0V
VCC = 5.0V
CL = 50 pF
CL = 50 pF
CL = 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
3.0
5.1
7.0
3.0
9.0
3.0
8.0
ns
tPHL
Data to Output (74F240)
2.0
3.5
4.7
2.0
6.0
2.0
5.7
tPZH
Output Enable Time (74F240)
2.0
3.5
4.7
2.0
6.5
2.0
5.7
ns
tPZL
4.0
6.9
9.0
4.0
10.5
4.0
10.0
tPHZ
Output Disable Time (74F240)
2.0
4.0
5.3
2.0
6.5
2.0
6.3
tPLZ
2.0
6.0
8.0
2.0
12.5
2.0
9.5
tPLH
Propagation Delay
2.5
4.0
5.2
2.0
6.5
2.5
6.2
ns
tPHL
Data to Output (74F241, 74F244)
2.5
4.0
5.2
2.0
7.0
2.5
6.5
tPZH
Output Enable Time
2.0
4.3
5.7
2.0
7.0
2.0
6.7
ns
tPZL
(74F241, 74F244)
2.0
5.4
7.0
2.0
8.5
2.0
8.0
tPHZ
Output Disable Time
2.0
4.5
6.0
2.0
7.0
2.0
7.0
tPLZ
(74F241, 74F244)
2.0
4.5
6.0
2.0
7.5
2.0
7.0


Similar Part No. - 74F240_04

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F240 FAIRCHILD-74F240_04 Datasheet
82Kb / 8P
   Octal Buffers/Line Drivers with 3-STATE Outputs
More results

Similar Description - 74F240_04

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74BC540A HITACHI-HD74BC540A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74BC541A HITACHI-HD74BC541A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74HC540 HITACHI-HD74HC540 Datasheet
51Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Renesas Technology Corp
RD74LVC540B RENESAS-RD74LVC540B Datasheet
83Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74HCT540 RENESAS-HD74HCT540 Datasheet
112Kb / 9P
   Octal Buffers/Line Drivers (with 3-state outputs)
HD74HC540 RENESAS-HD74HC540_15 Datasheet
132Kb / 11P
   Octal Buffers/Line Drivers (with 3-state outputs)
logo
Texas Instruments
54AC11241 TI1-54AC11241_09 Datasheet
105Kb / 7P
[Old version datasheet]   OCTAL BUFFERS/LINE DRIVERS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74BC244A HITACHI-HD74BC244A Datasheet
38Kb / 8P
   Octal Buffers/Line Drivers With 3 State Outputs
HD74LVC244A HITACHI-HD74LVC244A Datasheet
47Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
HD74LVC540A HITACHI-HD74LVC540A Datasheet
48Kb / 9P
   Octal Buffers / Line Drivers with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com