Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SA1201 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 2SA1201
Description  SILICON PNP EPITAXIAL TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SA1201 Datasheet(HTML) 1 Page - Unisonic Technologies

  2SA1201 Datasheet HTML 1Page - Unisonic Technologies 2SA1201 Datasheet HTML 2Page - Unisonic Technologies 2SA1201 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC2SA1201
PNP EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R208-024,A
SILICON PNP EPITAXIAL
TRANSISTOR
DESCRIPTION
The UTC 2SA1201 is designed for power amplifier and
voltage amplifier applications.
FEATURES
*High voltage: VCEO= -120V
*High transition frequency: fT=120MHz(typ.)
*Pc=1 to 2 W(mounted on ceramic substrate)
SOT-89
1
1:EMITTER 2:COLLECTOR 3:BASE
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
PARAMETER
SYMBOL
VALUE
UNIT
Collector-Base Voltage
VCBO
-120
V
Collector-Emitter Voltage
VCEO
-120
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
Ic
-800
mA
Base Current
IB
-160
mA
PC
500
mW
Collector Power Dissipation
PC*
1000
mW
Junction Temperature
Tj
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
* : Mounted on cermic substrate( 250mm2 × 0.8t )
ELECTRICAL CHARACTERISTICS (Ta=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector to emitter breakdown
voltage
V(BR)CEO
Ic= -10mA, IB=0
-120
V
Emitter to Base breakdown voltage
V(BR)EBO
IE= -1mA, IC=0
-5
V
Collector cut-off current
ICBO
VCB= -120V, IE=0
-0.1
µA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
µA
DC Current Gain
hFE
VCE= -5V, IC= -100mA
80
240
Collector to emitter saturation
voltage
VCE(sat)
Ic= -500mA, IB= -50mA
-1.0
V
Base to emitter voltage
VBE
VCE= -5V, IC= -100mA
-1.0
V
Transition frequency
fT
VCE= -5V, Ic= -100mA
120
MHz
Collector output capacitance
Cob
VCB= -10V, IE=0, f=1MHz
30
pF


Similar Part No. - 2SA1201

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201 Datasheet
155Kb / 2P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
Galaxy Semi-Conductor H...
2SA1201 BILIN-2SA1201 Datasheet
209Kb / 4P
   Plastic-Encapsulate Transistors
logo
TRANSYS Electronics Lim...
2SA1201 TEL-2SA1201 Datasheet
63Kb / 1P
   Plastic-Encapsulated Transistors
logo
Foshan Blue Rocket Elec...
2SA1201 FOSHAN-2SA1201 Datasheet
918Kb / 6P
   Silicon PNP transistor in a SOT-89 Plastic Package
logo
Toshiba Semiconductor
2SA1201 TOSHIBA-2SA1201 Datasheet
146Kb / 4P
   Voltage Amplifier Applications Power Amplifier Applications
More results

Similar Description - 2SA1201

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SA1300 UTC-2SA1300 Datasheet
110Kb / 3P
   PNP EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJC1308 FAIRCHILD-FJC1308_05 Datasheet
446Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1201 FAIRCHILD-KSA1201_05 Datasheet
430Kb / 5P
   PNP Epitaxial Silicon Transistor
KSA1203 FAIRCHILD-KSA1203_05 Datasheet
432Kb / 5P
   PNP Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
GM1188 ETC2-GM1188 Datasheet
359Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Unisonic Technologies
2SA1020 UTC-2SA1020_05 Datasheet
199Kb / 4P
   SILICON PNP EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
FJY4002R FAIRCHILD-FJY4002R Datasheet
290Kb / 4P
   PNP Epitaxial Silicon Transistor
FJY4012R FAIRCHILD-FJY4012R Datasheet
283Kb / 4P
   PNP Epitaxial Silicon Transistor
logo
GTM CORPORATION
GM1300 GTM-GM1300 Datasheet
172Kb / 2P
   PNP SILICON EPITAXIAL TRANSISTOR
logo
Fairchild Semiconductor
MMBT4403K FAIRCHILD-MMBT4403K Datasheet
60Kb / 4P
   PNP Epitaxial Silicon Transistor
MJD45H11 FAIRCHILD-MJD45H11_10 Datasheet
164Kb / 5P
   PNP Epitaxial Silicon Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com