Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N3904L-T92-B Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 2N3904L-T92-B
Description  NPN GENERAL PURPOSE AMPLIFIER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N3904L-T92-B Datasheet(HTML) 3 Page - Unisonic Technologies

  2N3904L-T92-B Datasheet HTML 1Page - Unisonic Technologies 2N3904L-T92-B Datasheet HTML 2Page - Unisonic Technologies 2N3904L-T92-B Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
2N3904
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R201-027,B
TYPICAL CHARACTERISTICS
hFE vs. IC
VCE=1V
0.1 0.3 0.5 1
5
3
10
30 50100
Collector Current, IC (mA)
0
40
80
120
160
200
240
fT vs. IC
0.1 0.3 0.5 1
5
3
10
30 50100
Collector Current, IC (mA)
10
30
50
100
300
500
1000
VCE=20V
V(SAT ) vs. IC
0.1
0.3 0.5 1
5
3
10
30 50100
Collector Current, IC (mA)
0.01
0.05
0.1
0.3
3
10
IC=10IB
VBE(SAT)
0.03
0.5
1
5
VCE(SAT)
Cob vs. VCB
IE=0
f=1MHz
13
5
10
30
100
Collector-Base Voltage, VCB (V)
0
1
2
3
4
6
50
5
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - 2N3904L-T92-B

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2N3904L-T92-B UTC-2N3904L-T92-B Datasheet
140Kb / 3P
   NPN GENERAL PURPOSE AMPLIFIER
2N3904L-T92-B UTC-2N3904L-T92-B Datasheet
219Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
More results

Similar Description - 2N3904L-T92-B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
BCW33 FAIRCHILD-BCW33 Datasheet
85Kb / 5P
   NPN General Purpose Amplifier
BSR14 FAIRCHILD-BSR14 Datasheet
49Kb / 3P
   NPN General Purpose Amplifier
PN2484 FAIRCHILD-PN2484 Datasheet
39Kb / 2P
   NPN General Purpose Amplifier
PN3643 FAIRCHILD-PN3643 Datasheet
23Kb / 2P
   NPN General Purpose Amplifier
MPSW01 FAIRCHILD-MPSW01 Datasheet
140Kb / 5P
   NPN General Purpose Amplifier
logo
Unisonic Technologies
BC817 UTC-BC817 Datasheet
79Kb / 4P
   NPN GENERAL PURPOSE AMPLIFIER
logo
Fairchild Semiconductor
MPSA18 FAIRCHILD-MPSA18_01 Datasheet
296Kb / 7P
   NPN General Purpose Amplifier
2N3904 FAIRCHILD-2N3904 Datasheet
64Kb / 7P
   NPN General Purpose Amplifier
2N4124 FAIRCHILD-2N4124 Datasheet
93Kb / 2P
   NPN General Purpose Amplifier
2N4410 FAIRCHILD-2N4410 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
2N4953 FAIRCHILD-2N4953 Datasheet
24Kb / 2P
   NPN General Purpose Amplifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com