Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2N4401 Datasheet(PDF) 3 Page - Unisonic Technologies

Part No. 2N4401
Description  NPN GENERAL PURPOSE AMPLIFIER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N4401 Datasheet(HTML) 3 Page - Unisonic Technologies

  2N4401 Datasheet HTML 1Page - Unisonic Technologies 2N4401 Datasheet HTML 2Page - Unisonic Technologies 2N4401 Datasheet HTML 3Page - Unisonic Technologies 2N4401 Datasheet HTML 4Page - Unisonic Technologies 2N4401 Datasheet HTML 5Page - Unisonic Technologies 2N4401 Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N4401
NPN SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R201-052,B
TEST CIRCUIT
1KΩ
30V
16V
0
Figure1. Saturated Turn-On Switching Timer
220ns
500Ω
200Ω
6V
30V
0
Figure2. Saturated Turn-Off Switching Timer
220ns
-1.5V
1k
Note:BVEBO=5V
37Ω
1KΩ
50Ω


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
2N5551 NPN General Purpose Amplifier 1  2  3  4  5  Fairchild Semiconductor
2N3904 NPN GENERAL PURPOSE AMPLIFIER 1  2  3  Unisonic Technologies
MMBT2222A NPN GENERAL PURPOSE AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
MMBT4401 NPN GENERAL PURPOSE AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
2SC4617_04 NPN Silicon General Purpose Amplifier Transistor NPN GENERAL PURPOSE AMPLIFIER TRANSISTORS SURFACE MOUNT 1  2  3  4  ON Semiconductor
IT120 Dual NPN General Purpose Amplifier 1  2  Intersil Corporation
PN2222A NPN GENERAL PURPOSE AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
2N5088 NPN General Purpose Amplifier 1  2  3  4  5  More Fairchild Semiconductor
HN1B01FDW1T1 Complementary Dual General Purpose Amplifier Transistor PNP and NPN Surface Mount 1  2  3  4  5  More ON Semiconductor
2SC5658M3T5G NPN Silicon General Purpose Amplifier Transistor 1  2  3  4  Vaishali Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn