Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74LVX574 Datasheet(PDF) 2 Page - ON Semiconductor

Part # 74LVX574
Description  Octal D-Type Flip-Flop with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

74LVX574 Datasheet(HTML) 2 Page - ON Semiconductor

  74LVX574 Datasheet HTML 1Page - ON Semiconductor 74LVX574 Datasheet HTML 2Page - ON Semiconductor 74LVX574 Datasheet HTML 3Page - ON Semiconductor 74LVX574 Datasheet HTML 4Page - ON Semiconductor 74LVX574 Datasheet HTML 5Page - ON Semiconductor 74LVX574 Datasheet HTML 6Page - ON Semiconductor 74LVX574 Datasheet HTML 7Page - ON Semiconductor 74LVX574 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC74LVX574
http://onsemi.com
2
Figure 2. Logic Diagram
C
D
Q
2
D0
19 Q0
C
D
Q
3
D1
18 Q1
C
D
Q
4
D2
17 Q2
C
D
Q
5
D3
16 Q3
C
D
Q
6
D4
15 Q4
C
D
Q
7
D5
14 Q5
C
D
Q
8
D6
13 Q6
C
D
Q
9
D7
12 Q7
11
CP
1
OE
OE
CP
Q
L
L
L
H
L, H,
X
H
L
No Change
Z
INPUTS
OUTPUT
FUNCTION TABLE
D
H
L
X
X
PIN NAMES
Function
Output Enable Input
Clock Pulse Input
Data Inputs
3−State Latch Outputs
Pins
OE
CP
D0−D7
O0−O7
ORDERING INFORMATION
Device
Package
Shipping
MC74LVX574DWR2
SOIC−20
1000 Tape & Reel
MC74LVX574DWR2G
SOIC−20
(Pb−Free)
1000 Tape & Reel
MC74LVX574DT
TSSOP−20*
75 Units / Rail
MC74LVX574DTR2
TSSOP−20*
2500 Tape & Reel
MC74LVX574M
SOEIAJ−20
40 Units / Rail
MC74LVX574MG
SOEIAJ−20
(Pb−Free)
40 Units / Rail
MC74LVX574MEL
SOEIAJ−20
2000 Tape & Reel
MC74LVX574MELG
SOEIAJ−20
(Pb−Free)
2000 Tape & Reel
†For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging
Specifications Brochure, BRD8011/D.
*This package is inherently Pb−Free.


Similar Part No. - 74LVX574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74LVX574 FAIRCHILD-74LVX574 Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
logo
STMicroelectronics
74LVX574 STMICROELECTRONICS-74LVX574 Datasheet
301Kb / 13P
   LOW VOLTAGE CMOS OCTAL D-TYPE FLIP-FLOP (3-STATE NON INV.) WITH 5V TOLERANT INPUTS
logo
Fairchild Semiconductor
74LVX574M FAIRCHILD-74LVX574M Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574M FAIRCHILD-74LVX574M Datasheet
94Kb / 7P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
74LVX574MTC FAIRCHILD-74LVX574MTC Datasheet
80Kb / 6P
   Low Voltage Octal D-Type Flip-Flop with 3-STATE Outputs
More results

Similar Description - 74LVX574

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC374 FAIRCHILD-74AC374 Datasheet
107Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
NXP Semiconductors
HEF40374B PHILIPS-HEF40374B Datasheet
84Kb / 7P
   Octal D-type flip-flop with 3-state outputs
January 1995
logo
ON Semiconductor
MC74LVX374 ONSEMI-MC74LVX374_11 Datasheet
145Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Fairchild Semiconductor
74AC574 FAIRCHILD-74AC574 Datasheet
100Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_14 Datasheet
117Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
August, 2014 ??Rev. 4
logo
Fairchild Semiconductor
74ABT574CMTCX FAIRCHILD-74ABT574CMTCX Datasheet
123Kb / 10P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74VHC374 FAIRCHILD-74VHC374 Datasheet
209Kb / 9P
   Octal D-Type Flip-Flop with 3-STATE Outputs
74AC374 FAIRCHILD-74AC374_08 Datasheet
436Kb / 14P
   Octal D-Type Flip-Flop with 3-STATE Outputs
logo
ON Semiconductor
MC74LVX574 ONSEMI-MC74LVX574_11 Datasheet
144Kb / 7P
   Octal D-Type Flip-Flop with 3-State Outputs
May, 2011 ??Rev. 3
logo
Motorola, Inc
MC74AC374 MOTOROLA-MC74AC374 Datasheet
209Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74VHCT574A FAIRCHILD-74VHCT574A Datasheet
105Kb / 8P
   Octal D-Type Flip-Flop with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com