Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1049A Datasheet(PDF) 1 Page - Unisonic Technologies

Part # X1049A
Description  HIGH GAIN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

X1049A Datasheet(HTML) 1 Page - Unisonic Technologies

  X1049A Datasheet HTML 1Page - Unisonic Technologies X1049A Datasheet HTML 2Page - Unisonic Technologies X1049A Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UTC X1049A
NPN EPITAXIAL SILICON TRANSISTOR
UTC UNISONIC TECHNOLOGIES CO. LTD
1
QW-R201-061,A
HIGH GAIN TRANSISTOR
FEATURES
*VCEV = 80V
*High Gain
*20 Amps pulse current
APPLICATIONS
*LCD Backlight converters
*Emergency lighting
*DC-DC converters
TO-92
1
1:EMITTER 2:BASE 3:COLLECTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
80
V
Collector-Emitter Voltage
VCEO
25
V
Emitter-Base Voltage
VEBO
5
V
DC
4
Collector Current
Pulse
IC
20
A
Base Current
IB
500
mA
Power Dissipation
PD
1
W
Junction Temperature
Tj
-55 ~+200
Storage Temperature
Tstg
-55~ +200
ELECTRICAL CHARACTERISTICS (Ta=25℃ unless otherwise specified).
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
VCBO
IC=100µA
80
120
V
Collector-Emitter Breakdown Voltage
VCEO
IC=10mA
25
35
V
Collector-Emitter Breakdown Voltage
VCES
IC=100µA
80
120
V
Collector-Emitter Breakdown Voltage
VCEV
IC=100µA, VEB=1V
80
120
V
Emitter-Base Breakdown Voltage
VEBO
IE=100µA
5
8.75
V
Collector Cut-Off Current
ICBO
VCB=50V
0.3
10
nA
Emitter Cut-Off Current
IEBO
VEB=4V
0.3
10
nA
Collector Emitter Cut-Off Current
ICES
VCES=50V
0.3
10
nA


Similar Part No. - X1049A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
X1049A UTC-X1049A Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
X1049AG-T92-B UTC-X1049AG-T92-B Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
X1049AG-T92-B UTC-X1049AG-T92-B Datasheet
246Kb / 4P
   HIGH GAIN TRANSISTOR
X1049AG-T92-K UTC-X1049AG-T92-K Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
X1049AG-T92-K UTC-X1049AG-T92-K Datasheet
246Kb / 4P
   HIGH GAIN TRANSISTOR
More results

Similar Description - X1049A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
X1049A UTC-X1049A_12 Datasheet
238Kb / 4P
   HIGH GAIN TRANSISTOR
X1049A UTC-X1049A_15 Datasheet
246Kb / 4P
   HIGH GAIN TRANSISTOR
logo
Fairchild Semiconductor
KSD1944 FAIRCHILD-KSD1944 Datasheet
43Kb / 4P
   High Gain Power Transistor
logo
Guangdong Kexin Industr...
2SB852 KEXIN-2SB852 Datasheet
104Kb / 2P
   High-gain Amplifier Transistor
logo
Rohm
2SD1383K ROHM-2SD1383K_11 Datasheet
147Kb / 3P
   High-gain Amplifier Transistor
2SD1383K ROHM-2SD1383K Datasheet
114Kb / 4P
   High-gain Amplifier Transistor
logo
Micropac Industries
66083 MICROPAC-66083 Datasheet
90Kb / 2P
   High gain, high voltage transistor
logo
Guangdong Kexin Industr...
2SD2153 KEXIN-2SD2153 Datasheet
35Kb / 1P
   High Gain Amplifier Transistor
logo
Zetex Semiconductors
ZXTN25020DG ZETEX-ZXTN25020DG Datasheet
217Kb / 6P
   20V NPN high gain transistor
ZXTN25100DG ZETEX-ZXTN25100DG Datasheet
331Kb / 8P
   100V NPN high gain transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com