Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

UA1029 Datasheet(PDF) 3 Page - Unisonic Technologies

Part No. UA1029
Description  LOW FREQUENCY POWER AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UA1029 Datasheet(HTML) 3 Page - Unisonic Technologies

  UA1029 Datasheet HTML 1Page - Unisonic Technologies UA1029 Datasheet HTML 2Page - Unisonic Technologies UA1029 Datasheet HTML 3Page - Unisonic Technologies UA1029 Datasheet HTML 4Page - Unisonic Technologies UA1029 Datasheet HTML 5Page - Unisonic Technologies UA1029 Datasheet HTML 6Page - Unisonic Technologies UA1029 Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
UA1029
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
3
www.unisonic.com.tw
QW-R107-033.B
ABSOLUTE MAXIMUM RATINGS (Ta = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage
VCC
20
V
Peak Output Current
IO (peak)
2.5
A
Power Dissipation
Derated above Ta = 25
PD
15
120
W
mW/℃
Operating Temperature
TOPR
0 ~ +70
Storage Temperature
TSTG
-40 ~ +150
Note 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. The device is guaranteed to meet performance specification within 0℃~70℃ operating temperature range
and assured by design from –20℃~85℃.
ELECTRICAL CHARACTERISTICS
(Ta=25℃, VCC=9V, RL=4Ω, Rg=600Ω, f=1kHz, RF=120Ω, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Quiescent Current
ID
VIN = 0
25
45
mA
POUT(1)
THD = 10%, VCC=9V
2.0
2.5
Output Power
POUT(2)
THD = 10%, VCC = 12V
4.6
W
Total Harmonic Distortion
THD
POUT = 0.4W/ch
0.2
1.0
%
GV (1)
RF= 120Ω, VOUT = 0.775Vrms (0dBm)
43
45
47
Voltage Gain
GV (2)
RF= 0, Vout = 0.775Vrms (0dBm)
56.5
dB
Input Resistance
RIN
30
kΩ
Output Noise Voltage
VNO
RG = 10kΩ, BW = 20Hz ~ 20kHz
0.3
1.0
mVrms
Ripple Rejection Ratio
RR
RG = 600Ω, fRIPPLE = 100kHz
-52
dB
Cross Talk
C.T.
RG = 600Ω, amp1
2
VOUT = 0.775Vrms (0dBm)
-50
dB
Input Offset Voltage
V11, V12
30
60
mV
Stand-by Current
ISTN-BY
SW1
OFF
1
µA


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TA8227P LOW FREQUENCY POWER AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
MC3419 LOW POWER AUDIO AMPLIFIER 1  2  3  4  Unisonic Technologies
TL062_05 LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER 1  2  3  4  5  More Unisonic Technologies
2SB965 PNP Silicon Epitaxial/NPN Triple Diffused Transistor Audio Frequency Power Amplifier 1  NEC
NJ88C50 Dual Low Power Frequency Synthesiser 1  2  3  4  5  More Zarlink Semiconductor Inc
FAN4113 1.2V 36MHz Low Power Rail-to-Rail Amplifier 1  2  3  4  5  More Fairchild Semiconductor
2SJ114 HIGH SPEED POWER SWITCHING HIGH FREQUENCY POWER AMPLIFIER 1  2  3  Hitachi Semiconductor
MMBT1015 LOW FREQUENCY PNP AMPLIFIER TRANSISTOR 1  2  3  4  Unisonic Technologies
ICL8021 High Reliability Low Power Bipolar Operational Amplifier 1  2  3  4  5  Intersil Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn