Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U74HC00 Datasheet(PDF) 3 Page - Unisonic Technologies

Part # U74HC00
Description  QUADRUPLE 2-INPUT POSITIVE-NAND GATES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

U74HC00 Datasheet(HTML) 3 Page - Unisonic Technologies

  U74HC00 Datasheet HTML 1Page - Unisonic Technologies U74HC00 Datasheet HTML 2Page - Unisonic Technologies U74HC00 Datasheet HTML 3Page - Unisonic Technologies U74HC00 Datasheet HTML 4Page - Unisonic Technologies U74HC00 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
U74HC00
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-068,B
ABSOLUTE MAXIMUM RATING (unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Supply Voltage Range
VCC
1.0 ~ 7.0
V
Input Clamp Current
IIK (VIN < 0 or VIN>VCC (see Note 1)
±20
mA
Output Clamp Current
IOK (VOUT< 0 or VOUT>VCC(see Note 1)
±20
mA
Continuous Output Current
IO(VOUT = 0 to VCC)
±25
mA
Continuous Current Through
VCC or GND
±50
mA
Storage Temperature
TSTG
-65 ~ +150
Note : 1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
SOP-14
86
/W
DIP-14
80
/W
Thermal Resistance Junction Ambient
TSSOP-14
θJA
113
/W
RECOMMENDED OPERATING CONDITIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply Voltage
VCC
2
4.5
6
V
VCC = 2 V
1.4
VCC = 4.5V
3.0
High-Level Input Voltage
VIH
VCC = 6 V
4.2
V
VCC = 2 V
0.7
VCC = 4.5 V
1.5
Low-Level Input Voltage
VIL
VCC = 6 V
2
V
Input Voltage
VIN
0
VCC
V
Output Voltage
VOUT
0
VCC
V
Input Transition Rise or Fall Rate
dt/dv
VCC = 4.5V
500
ns
Operating Free-Air Temperature
TA
-40
85
Note: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.
ELECTRICAL CHARACTERISTICS (Ta = 25℃, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCC= 4.5V, VIN = VIH or VIL, IOH = −20 µA
4.4
4.5
High-Level Output Voltage
VOH
VCC= 4.5V, VIN = VIH or VIL, IOH = −4 mA
3.98
4.3
V
VCC= 4.5V, VIN = VIH or VIL, IOL = 20 µA
0.001
0.1
Low-Level Output Voltage
VOL
VCC= 4.5V, VIN = VIH or VIL, IOL = 4 mA
0.17
0.26
V
Input Current
IIN
VCC= 6V, VIN = VCC or 0
±0.1
±100
nA
Quiescent Supply Current
ICC
VCC= 6V, VIN = VCC or 0, IOUT = 0
20
µA
Operating Characteristics
Power Dissipation
Capacitance Per Gate
Cpd
No load
20
pF
Note: All unused inputs of the device must be held at VCC or GND to ensure proper device operation.


Similar Part No. - U74HC00

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74HC00G-D14-T UTC-U74HC00G-D14-T Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74HC00G-P14-R UTC-U74HC00G-P14-R Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74HC00G-S14-R UTC-U74HC00G-S14-R Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74HC00L-D14-T UTC-U74HC00L-D14-T Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
U74HC00 UTC-U74HC00_15 Datasheet
193Kb / 5P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results

Similar Description - U74HC00

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT00 TI-SN54HCT00 Datasheet
404Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN74AHCT00-EP TI1-SN74AHCT00-EP Datasheet
421Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Unisonic Technologies
U74AHCT00 UTC-U74AHCT00_15 Datasheet
201Kb / 4P
   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
logo
Texas Instruments
SN5400 TI-SN5400_07 Datasheet
737Kb / 21P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_08 Datasheet
937Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00A TI-SN54LV00A_10 Datasheet
673Kb / 18P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN7400J TI1-SN7400J Datasheet
1Mb / 25P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LV00 TI-SN54LV00 Datasheet
131Kb / 7P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
CD54ACT00 TI-CD54ACT00 Datasheet
73Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54LVC00A TI-SN54LVC00A_07 Datasheet
908Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
SN54F00 TI1-SN54F00_14 Datasheet
779Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-NAND GATES
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com