Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL062L-S08-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # TL062L-S08-T
Description  LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TL062L-S08-T Datasheet(HTML) 6 Page - Unisonic Technologies

  TL062L-S08-T Datasheet HTML 1Page - Unisonic Technologies TL062L-S08-T Datasheet HTML 2Page - Unisonic Technologies TL062L-S08-T Datasheet HTML 3Page - Unisonic Technologies TL062L-S08-T Datasheet HTML 4Page - Unisonic Technologies TL062L-S08-T Datasheet HTML 5Page - Unisonic Technologies TL062L-S08-T Datasheet HTML 6Page - Unisonic Technologies TL062L-S08-T Datasheet HTML 7Page - Unisonic Technologies TL062L-S08-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
TL062
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 8
www.unisonic.com.tw
QW-R105-003,,B
TYPICAL CHARACTERISTICS
Maximum Peak-to-Peak Output
Voltage vs. Supply Voltage
Supply Voltage(V)
RL = 10kΩ
Ta = +25℃
See figure 2
30
2
20
10
5
15
25
4
6
8
1012 1416
0
Maximum Peak-to-Peak Output
Voltage vs. Free Air Temp.
Free Air Temperature (℃)
VCC = ±15V
RL = 10kΩ
See figure 2
30
-50
20
10
5
15
25
-25 0
25 50 75 100 125
0
-75
Maximum Peak-to-Peak Output
Voltage vs. Load Resistance
Load Resistance(kΩ)
30
200
20
10
5
15
25
400 700 1k 2k
4k
7k 10k
0
Maximum Peak-to-Peak Output
Voltage vs. Frequency
Frequency (Hz)
30
20
10
5
15
25
10k
100k
1M
10M
0
1k
VCC = ±15V
Ta = +25℃
100
VCC = ±15V
RL = 10kΩ
Ta = +25℃
See figure 2
VCC = ±12V
VCC = ±2V
VCC = ±5V
Differential Voltage Amplification
vs. Free Air Temperature
Free Air Temperature (℃)
10
4
2
7
1
VCC = ±15V
RL = 10kΩ
-50 -25 0
25 50 75 100 125
-75
Input Bias Current vs. Free Air
Temperature
Free Air Temperature (℃)
100
10
0.1
25
50
100 125
0.01
0
-25
-50
75
VCC = ±15V
1


Similar Part No. - TL062L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL062L-S08-R UTC-TL062L-S08-R Datasheet
314Kb / 8P
   LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
TL062L-S08-R UTC-TL062L-S08-R Datasheet
314Kb / 8P
   LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
More results

Similar Description - TL062L-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TL062 UTC-TL062_09 Datasheet
314Kb / 8P
   LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
UTCTL062 UTC-UTCTL062 Datasheet
300Kb / 8P
   LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
TL062 UTC-TL062_15 Datasheet
314Kb / 8P
   LOW POWER DUAL J-FET OPERATIONAL AMPLIFIER
logo
NEC
UPC4062 NEC-UPC4062 Datasheet
295Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER?
UPC4064 NEC-UPC4064 Datasheet
288Kb / 10P
   DUAL J-FET INPUT LOW-POWER OPERATIONAL AMPLIFIER???
logo
Renesas Technology Corp
PC4062 RENESAS-PC4062_15 Datasheet
258Kb / 11P
   J-FET INPUT LOW-POWER DUAL OPERATIONAL AMPLIFIER
logo
Unisonic Technologies
TL072 UTC-TL072 Datasheet
270Kb / 11P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
TL072 UTC-TL072_15 Datasheet
154Kb / 9P
   LOW NOISE DUAL J-FET OPERATIONAL AMPLIFIER
logo
STMicroelectronics
TL061 STMICROELECTRONICS-TL061 Datasheet
105Kb / 9P
   LOW POWER J-FET SINGLE OPERATIONAL AMPLIFIER
logo
Guangdong Youtai Semico...
TL062 UMW-TL062 Datasheet
1Mb / 9P
   Low power J-FET input operational amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com