Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RCT6L-D16-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # RCT6L-D16-T
Description  REMOTE CONTROLLER WITH SEVEN FUNCTIONS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

RCT6L-D16-T Datasheet(HTML) 4 Page - Unisonic Technologies

  RCT6L-D16-T Datasheet HTML 1Page - Unisonic Technologies RCT6L-D16-T Datasheet HTML 2Page - Unisonic Technologies RCT6L-D16-T Datasheet HTML 3Page - Unisonic Technologies RCT6L-D16-T Datasheet HTML 4Page - Unisonic Technologies RCT6L-D16-T Datasheet HTML 5Page - Unisonic Technologies RCT6L-D16-T Datasheet HTML 6Page - Unisonic Technologies RCT6L-D16-T Datasheet HTML 7Page - Unisonic Technologies RCT6L-D16-T Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
RCT6
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-058,A
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
DC Supply Voltage
VDD
2.0 ~ 5.0
V
Input/Output Voltage
GND -0.2 ~ VDD + 0.2
V
Operating Temperature
TOPR
-20 ~ +85
Storage Temperature
TSTG
-40 ~ +150
Note 1.Absolute maximum ratings and operation rating recommended are those values beyond which the device
could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device
operation is not implied.
2.The device is guaranteed to meet performance specification within 0℃~+70℃ operating temperature range
and assured by design from -20℃~+85℃.
ELECTRICAL CHARACTERISTICS (VDD=4V, Ta=25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
Operating Voltage
VOPR
3
4
5
V
Operating Current
IOPR
Unload
0.6
mA
Stand-by Current
ISTN-BY
Full load
1
µA
SO O/P Driving Current (RF)
IDRSO
VOH = 0.7V
10
mA
AC O/P Frequency
FAUDIO
500
Hz
Oscillator Frequency
FOSC
ROSC=130KΩ
128
KHz


Similar Part No. - RCT6L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT6L-X-D16-T UTC-RCT6L-X-D16-T Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
More results

Similar Description - RCT6L-D16-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RCT6 UTC-RCT6_15 Datasheet
224Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
List of Unclassifed Man...
RX-5 ETC-RX-5 Datasheet
145Kb / 10P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Unisonic Technologies
RCR6C UTC-RCR6C_15 Datasheet
253Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR5 UTC-RCR5 Datasheet
326Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RCR6C UTC-RCR6C Datasheet
220Kb / 8P
   REMOTE CONTROLLER WITH SEVEN FUNCTIONS
logo
Silan Microelectronics ...
TX-6B SILAN-TX-6B Datasheet
282Kb / 11P
   TOY CAR REMOTE CONTROLLER WITH SEVEN FUNCTIONS
RX-3 SILAN-RX-3 Datasheet
67Kb / 4P
   REMOTE CONTROLLER WITH TWO FUNCTIONS
TX-2B SILAN-TX-2B Datasheet
133Kb / 10P
   REMOTE CONTROLLER WITH FIVE FUNCTIONS
logo
SHENZHEN FUMAN ELECTRON...
SCTX6A FUMAN-SCTX6A Datasheet
246Kb / 7P
   REMOTE CONTROLLER WITH SECEN FUNCTIONS
SCTX5A FUMAN-SCTX5A Datasheet
224Kb / 7P
   REMOTE CONTROLLER WITH NINE FUNCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com