Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM2940L-50-AA3-T Datasheet(PDF) 10 Page - Unisonic Technologies

Part # LM2940L-50-AA3-T
Description  1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LM2940L-50-AA3-T Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button LM2940L-50-AA3-T Datasheet HTML 3Page - Unisonic Technologies LM2940L-50-AA3-T Datasheet HTML 4Page - Unisonic Technologies LM2940L-50-AA3-T Datasheet HTML 5Page - Unisonic Technologies LM2940L-50-AA3-T Datasheet HTML 6Page - Unisonic Technologies LM2940L-50-AA3-T Datasheet HTML 7Page - Unisonic Technologies LM2940L-50-AA3-T Datasheet HTML 8Page - Unisonic Technologies LM2940L-50-AA3-T Datasheet HTML 9Page - Unisonic Technologies LM2940L-50-AA3-T Datasheet HTML 10Page - Unisonic Technologies LM2940L-50-AA3-T Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
LM2940
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R102-016.E
TYPICAL CHARACTERISTICS (Cont.)
1100
Output Impedance
1K
0.02
0.05
0.01
10
10K 100K
0.10
0.50
1.00
10.00
Frequency (Hz)
1M
VIN=10V
VOUT=5 V
COUT=22μF
IoUT=50mA
0
400
200
600
0.01
0.1
1
Output Current(mA)
800
1000
10
100
Output Capacitor ESR
-30
-10
0
0
-20
10
20
-5
5
10
Input Voltage (V)
30
40
15
20
25
Output at Voltage Extremes
RO=100Ω
VOUT=10V
-30
-10
0
0
-20
10
20
-4
4
8
Input Voltage (V)
30
40
12
16
20
Output at Voltage Extremes
RO=100Ω
-30
-10
0
0
-20
10
20
-5
5
10
Input Voltage (V)
30
40
15
20
25
Output at Voltage Extremes
RO=100Ω
STABLE
REGION
COUT=22μF
-40
0
40
80
0
1.0
Temperature( ℃)
120
160
2.0
3.0
Peak Output Current
VIN=14V
5.00
2.00
0.20
VOUT=12V
VOUT=15V
VOUT=5V


Similar Part No. - LM2940L-50-AA3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LM2940L-50-AA3-T UTC-LM2940L-50-AA3-T Datasheet
368Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
More results

Similar Description - LM2940L-50-AA3-T

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
LM1117-XXXJ3 CYSTEKEC-LM1117-XXXJ3 Datasheet
309Kb / 5P
   1A Low Dropout Positive Voltage Regulator
logo
Torex Semiconductor
XB1117-12 TOREX-XB1117-12 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1117-1.5L3 CYSTEKEC-LM1117-1.5L3 Datasheet
391Kb / 8P
   1A Low Dropout Positive Voltage Regulator
LM1117-XXXL3 CYSTEKEC-LM1117-XXXL3 Datasheet
427Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Unisonic Technologies
LM2940 UTC-LM2940_V01 Datasheet
539Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS1117BCW12 TSC-TS1117BCW12 Datasheet
247Kb / 7P
   1A Low Dropout Positive Voltage Regulator
logo
E-Tech Electronics LTD
LM2940 ETL-LM2940 Datasheet
369Kb / 12P
   1A LOW-DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Torex Semiconductor
XB1117 TOREX-XB1117_15 Datasheet
183Kb / 12P
   1A Low Dropout Positive Voltage Regulator
logo
E-CMOS Corporation
EC50117S E-CMOS-EC50117S Datasheet
548Kb / 8P
   1A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1117E HSMC-H1117E Datasheet
44Kb / 4P
   1A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com