Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CHM1608U Datasheet(PDF) 1 Page - TOKO, Inc

Part # CHM1608U
Description  MULTILAYER CERAMIC BALUN
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

CHM1608U Datasheet(HTML) 1 Page - TOKO, Inc

  CHM1608U Datasheet HTML 1Page - TOKO, Inc CHM1608U Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHM1608U Series
MULTILAYER CERAMIC BALUN
March 2005
1
 2005 TOKO America, Inc.
CF-224-CHM1608U
All Rights Reserved
Printed in USA
DESCRIPTION
FEATURES
DIMENSIONS
Miniature footprint: 1.6 x 0.8mm
Low profile: 0.9 mm max.
Integrated ceramic structure
Operating temperature: - 55
°C to + 125°C
Reflow solderable
ELECTRICAL SPECIFICATIONS
TOKO Part Number
Passband
(MHz)
Unbalanced
Port
Impedance (
Ω)
Balanced
Port
Impedance (
Ω)
Insertion
Loss (dB)
max.
Return
Loss (dB)
min.
Phase
Imbalance
(deg.)
Amplitude
Balance
(deg.)
CHM1608U-F2R4AD
2400 - 2500
50
50
1.1
10
180 ± 8
0 ± 1.5
CHM1608U-F2R4BD
2400 - 2500
50
100
1.2
10
180 ± 8
0 ± 1.5
CHM1608U-F2R4CD
2400 - 2500
50
200
1.2
10
180 ± 8
0 ± 1.5
TOKO’s CHM1608U Series is a multilayer
ceramic balun transformer designed for a variety
of wireless applications. TOKO’s proprietary
material and filter design expertise provide for
excellent performance and exceptional reliability
in this economical and compact integrated
ceramic structure.
Units: mm
3
NC
2
DC Bias or GND
1
Balanced Port
4
Unbalanced Port
5
GND
6
Balanced Port


Similar Part No. - CHM1608U

ManufacturerPart #DatasheetDescription
logo
Chenmko Enterprise Co. ...
CHM1012LPAPT CHENMKO-CHM1012LPAPT Datasheet
199Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
CHM1012PAPT CHENMKO-CHM1012PAPT Datasheet
198Kb / 2P
   N-Channel Enhancement Mode Field Effect Transistor
logo
United Monolithic Semic...
CHM1080-98F UMS-CHM1080-98F Datasheet
574Kb / 16P
   71-86GHz Single Side Band Mixer
CHM1190 UMS-CHM1190 Datasheet
89Kb / 6P
   K Band Mixer
CHM1190-99F/00 UMS-CHM1190-99F/00 Datasheet
89Kb / 6P
   K Band Mixer
More results

Similar Description - CHM1608U

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
RFBLN06051G8DM1T69 WALSIN-RFBLN06051G8DM1T69 Datasheet
605Kb / 7P
   MULTILAYER CERAMIC BALUN TRANSFORMER
RFBLN10051G9D1T WALSIN-RFBLN10051G9D1T Datasheet
553Kb / 7P
   MULTILAYER CERAMIC BALUN TRANSFORMER
RFBLN10051G9D07N2T WALSIN-RFBLN10051G9D07N2T Datasheet
553Kb / 7P
   MULTILAYER CERAMIC BALUN TRANSFORMER
RBBLN16083G6W0T WALSIN-RBBLN16083G6W0T Datasheet
649Kb / 7P
   MULTILAYER CERAMIC BALUN TRANSFORMER
logo
TDK Electronics
HHM1904A1 TDK-HHM1904A1 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1905C2 TDK-HHM1905C2 Datasheet
71Kb / 6P
   Multilayer Balun
HHM1907B1 TDK-HHM1907B1 Datasheet
69Kb / 6P
   Multilayer Balun
HHM1710J1 TDK-HHM1710J1 Datasheet
68Kb / 6P
   Multilayer Balun
HHM1522B1 TDK-HHM1522B1_15 Datasheet
69Kb / 6P
   Multilayer Balun
HHM1526 TDK-HHM1526_15 Datasheet
69Kb / 6P
   Multilayer Balun
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com