Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5027L-R-TA3-E-T Datasheet(PDF) 4 Page - Unisonic Technologies

Part # N5027L-R-TA3-E-T
Description  HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

N5027L-R-TA3-E-T Datasheet(HTML) 4 Page - Unisonic Technologies

  N5027L-R-TA3-E-T Datasheet HTML 1Page - Unisonic Technologies N5027L-R-TA3-E-T Datasheet HTML 2Page - Unisonic Technologies N5027L-R-TA3-E-T Datasheet HTML 3Page - Unisonic Technologies N5027L-R-TA3-E-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
N5027
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
4 of 4
www.unisonic.com.tw
QW-R203-032,A
TYPICAL CHARACTERISTICS(Cont.)
1ms
100us
1
100
10
10
100
1000
10000
0.1
0.01
80
70
20
10
0
25
50
75
100
125
150
60
50
40
30
0
175
Collector-Emitter Voltage, VCE (V)
Power Derating
Power Dissipation vs. Case Temperature
Case Temperature, TC (℃)
Reverse Operating Area
Collector Current vs. Collector-Emitter Voltage
I B2=-0.3A
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - N5027L-R-TA3-E-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
N5027L-X-TA3-T UTC-N5027L-X-TA3-T Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027L-X-TA3-T UTC-N5027L-X-TA3-T Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027L-X-TF3-T UTC-N5027L-X-TF3-T Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027L-X-TF3-T UTC-N5027L-X-TF3-T Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
More results

Similar Description - N5027L-R-TA3-E-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
N5027 UTC-N5027_07 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027 UTC-N5027_15 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
logo
Samsung semiconductor
KSC5030 SAMSUNG-KSC5030 Datasheet
215Kb / 6P
   NPN (HIGH VOLTAGE AND HIGH RELIABILITY)
KSC5024 SAMSUNG-KSC5024 Datasheet
206Kb / 6P
   NPN (HIGH VOLTAGE AND HIGH RELIABILITY)
logo
Unisonic Technologies
2SC5027E UTC-2SC5027E_11 Datasheet
190Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
2SC5027E UTC-2SC5027E Datasheet
50Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
2SC5027E UTC-2SC5027E_15 Datasheet
231Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com