Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC541N Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74AC541N
Description  Octal Buffer/Line Driver with 3?뭆tate Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC541N Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC541N Datasheet HTML 1Page - ON Semiconductor MC74AC541N Datasheet HTML 2Page - ON Semiconductor MC74AC541N Datasheet HTML 3Page - ON Semiconductor MC74AC541N Datasheet HTML 4Page - ON Semiconductor MC74AC541N Datasheet HTML 5Page - ON Semiconductor MC74AC541N Datasheet HTML 6Page - ON Semiconductor MC74AC541N Datasheet HTML 7Page - ON Semiconductor MC74AC541N Datasheet HTML 8Page - ON Semiconductor MC74AC541N Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MC74AC540, MC74ACT540, MC74AC541, MC74ACT541
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms − See AND8277/D at www.onsemi.com)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig.
No.
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
tPLH
Propagation Delay
3.3
1.5
5.5
7.5
1.0
8.0
ns
3−5
Data to Output (
AC540)
5.0
1.5
4.0
6.0
1.0
6.5
tPHL
Propagation Delay
3.3
1.5
5.0
7.0
1.0
7.5
ns
3−5
Data to Output (
AC540)
5.0
1.5
4.0
5.5
1.0
6.0
tPZH
Output Enable Time
3.3
3.0
8.5
11
2.5
12
ns
3−7
(
AC540)
5.0
2.0
6.5
8.5
2.0
9.5
tPZL
Output Enable Time
3.3
2.5
7.5
10
2.0
11
ns
3−8
(
AC540)
5.0
2.0
6.0
7.5
1.5
8.5
tPHZ
Output Disable Time
3.3
2.5
8.5
13
1.5
14
ns
3−7
(
AC540)
5.0
1.5
7.5
10.5
1.0
11
tPLZ
Output Disable Time
(
AC540)
3.3
2.0
7.0
10
2.0
11
ns
3−8
5.0
1.5
6.0
8.0
1.5
9.0
tPLH
Propagation Delay
Data to Output (
AC541)
3.3
2.0
5.5
8.0
1.5
9.0
ns
3−5
5.0
1.5
4.0
6.0
1.0
6.5
tPHL
Propagation Delay
Data to Output (
AC541)
3.3
2.0
5.5
8.0
1.5
8.5
ns
3−5
5.0
1.5
4.0
6.0
1.0
6.5
tPZH
Output Enable Time
(
AC541)
3.3
3.0
8.0
11.5
3.0
12.5
ns
3−7
5.0
2.0
6.0
8.5
1.5
9.5
tPZL
Output Enable Time
(
AC541)
3.3
2.5
7.0
10
2.5
11.5
ns
3−8
5.0
1.5
5.5
7.5
1.0
8.5
tPHZ
Output Disable Time
(
AC541)
3.3
3.5
9.0
12.5
2.5
14
ns
3−7
5.0
2.0
7.0
9.5
1.0
10.5
tPLZ
Output Disable Time
(
AC541)
3.3
2.5
6.5
9.5
2.0
10.5
ns
3−8
5.0
2.0
5.5
7.5
1.0
8.5
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
Voltage Range 5.0 V is 5.0 V
±0.5 V.


Similar Part No. - MC74AC541N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74AC541N MOTOROLA-MC74AC541N Datasheet
220Kb / 7P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
More results

Similar Description - MC74AC541N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74AC244 ONSEMI-MC74AC244_06 Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
SN74LS541 ONSEMI-SN74LS541 Datasheet
202Kb / 6P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
July, 2006 ??Rev. 4
MC74AC240 ONSEMI-MC74AC240_06 Datasheet
108Kb / 10P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
November, 2006 ??Rev. 8
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com