Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC4040DG Datasheet(PDF) 4 Page - ON Semiconductor

Part # MC74AC4040DG
Description  12?뭆tage Binary Ripple Counter
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC4040DG Datasheet(HTML) 4 Page - ON Semiconductor

  MC74AC4040DG Datasheet HTML 1Page - ON Semiconductor MC74AC4040DG Datasheet HTML 2Page - ON Semiconductor MC74AC4040DG Datasheet HTML 3Page - ON Semiconductor MC74AC4040DG Datasheet HTML 4Page - ON Semiconductor MC74AC4040DG Datasheet HTML 5Page - ON Semiconductor MC74AC4040DG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC74AC4040
http://onsemi.com
4
AC CHARACTERISTICS (For Figures and Waveforms − See Section 3 of the ON Semiconductor FACT Data Book, DL138/D)
Symbol
Parameter
VCC*
(V)
74AC
74AC
Unit
Fig. No.
TA = +25°C
CL = 50 pF
TA = −40°C to +85°C
CL = 50 pF
Min
Typ
Max
Min
Max
fmax
Maximum Clock
3.3
110
120
100
MHz
Frequency
5.0
130
140
120
nCP to Q1
Propagation Delay
3.3
2.0
11
2.0
14
ns
nCP to Q1
5.0
2.0
8.0
2.0
10
Qn to Qn +1
Propagation Delay
3.3
0
5.5
0
6.5
ns
Qn to Qn +1
5.0
0
3.5
0
4.5
MR to Q
tHL
Propagation Delay
3.3
3.0
12
3.0
15
ns
MR to Q
5.0
3.0
10
3.0
12
trec
nCP to MR
Recovery Time
3.3
0
−2.5
0
ns
5.0
0
−1.5
0
tw nCP
Minimum Pulse Width
Clock Pin
3.3
4.0
3.5
4.5
ns
5.0
3.0
2.5
3.5
tw MR
Minimum Pulse Width
Master Reset
3.3
4.0
3.5
4.5
ns
3.0
3.0
2.5
3.5
*Voltage Range 3.3 V is 3.3 V
±0.3 V.
*Voltage Range 5.0 V is 5.0 V
±0.5 V.
CAPACITANCE
Symbol
Parameter
Value
Typ
Unit
Test Conditions
CIN
Input Capacitance
4.5
pF
VCC = 5.0 V
CPD
Power Dissipation Capacitance
50
pF
VCC = 5.0 V
MARKING DIAGRAMS
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
AC4040G
AWLYWW
MC74AC4040N
AWLYYWWG
PDIP−16
SOIC−16
SOEIAJ−16
74AC4040
ALYW


Similar Part No. - MC74AC4040DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC4040DG ONSEMI-MC74AC4040DG Datasheet
73Kb / 6P
   12-Stage Binary Ripple Counter
March, 2015 ??Rev. 8
More results

Similar Description - MC74AC4040DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74HC4060A ONSEMI-MC74HC4060A_06 Datasheet
147Kb / 14P
   14?뭆tage Binary Ripple Counter With Oscillator
January, 2006 ??Rev. 5
MC74HC4040A ONSEMI-MC74HC4040A_05 Datasheet
114Kb / 10P
   12?뭆tage Binary Ripple Counter High?뭁erformance Silicon?묰ate CMOS
June, 2005 ??Rev. 5
MC14024B ONSEMI-MC14024B_06 Datasheet
149Kb / 9P
   7?뭆tage Ripple Counter
October, 2006 ??Rev. 7
MC74HC4040A ONSEMI-MC74HC4040A Datasheet
170Kb / 8P
   12-Stage Binary Ripple Counter
May, 2000 ??Rev. 3
logo
Integral Corp.
IW4040B INTEGRAL-IW4040B Datasheet
59Kb / 7P
   12-Stage Binary Ripple Counter
logo
Motorola, Inc
MC74AC4040 MOTOROLA-MC74AC4040 Datasheet
136Kb / 5P
   12-STAGE BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
HEF4040B-Q100 NEXPERIA-HEF4040B-Q100 Datasheet
680Kb / 13P
   12-stage binary ripple counter
74HC4040-Q100 NEXPERIA-74HC4040-Q100 Datasheet
762Kb / 19P
   12-stage binary ripple counter
logo
NXP Semiconductors
74HC4040 PHILIPS-74HC4040 Datasheet
137Kb / 24P
   12-stage binary ripple counter
Rev. 03-14 September 2005
logo
Nexperia B.V. All right...
74HCT4040 NEXPERIA-74HCT4040 Datasheet
275Kb / 16P
   12-stage binary ripple counter
Rev. 7 - 26 May 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com