Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

P1696 Datasheet(PDF) 5 Page - Unisonic Technologies

Part No. P1696
Description  150KHZ, 2A PWM STEP-DOWN DC/DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

P1696 Datasheet(HTML) 5 Page - Unisonic Technologies

   
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
P1696
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R103-035,B
TYPICAL CHARACTERISTICS
Input Voltage (V)
4.85
4.90
4.95
5.00
5.05
5.10
5.15
Line Regulation
0
5
10
15
20
25
30
125
VOUT=5V, ILOAD=100mA
Normalized at TJ=25℃
100
Input Voltage (V)
60
65
70
75
80
85
90
2A Load
Efficiency
0
5
10
152025
30
3.3V
5.0V
0.5
1
2
3
Switch Current(A)
0.60
0.80
1.00
1.20
1.40
1.60
0
Switch Saturation Voltage
1 : -40 ℃
2 : 25 ℃
3 : 125℃
1
2
3
-25
0
25
50
75
100
Junction Temperature(℃)
3.50
3.75
4.00
4.25
4.50
4.75
5.00
-50
Switch Current Limit
125
-25
0
25
50
75
100
125
0.00
5.00
10.0
15.0
20.0
25.0
30.0
-50
Operating Quiescent Current
Junction Temperature (℃)
4.5V< VIN < 30V
ISWITCH =0
Switch ON
Switch OFF
VIN =12V, VOUT =5V
-25
0
25
50
75
4.85
4.90
4.95
5.00
5.05
5.10
5.15
-50
Normalized Output Voltage
VIN=20V,LLOAD=2A
Normalized at TJ=25 ℃
Junction Temperature (℃)


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn