Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N5027 Datasheet(PDF) 2 Page - Unisonic Technologies

Part # N5027
Description  HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

N5027 Datasheet(HTML) 2 Page - Unisonic Technologies

  N5027 Datasheet HTML 1Page - Unisonic Technologies N5027 Datasheet HTML 2Page - Unisonic Technologies N5027 Datasheet HTML 3Page - Unisonic Technologies N5027 Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
N5027
NPN SILICON TRANSISTOR
UNISONIC TECHNOLOGIES CO., LTD
2 of 4
www.unisonic.com.tw
QW-R203-032,A
ABSOLUTE MAXIMUM RATINGS (Tc = 25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
850
V
Collector-Emitter Voltage
VCEO
800
V
Collector-Emitter Voltage
VEBO
7
V
Peak Collector Current
IC
3
A
Collector Current (Pulse)
ICP
10
A
Base Current
IB
1.5
A
Peak Collector Consume Dissipation
PC
50
W
Peak Junction Temperature
TJ
150
Storage Temperature
TSTG
-55 ~ +150
Note
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (T
C= 25℃, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=1mA, IE=0
850
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=5mA, IB=0
800
V
Emitter-Base Breakdown Voltage
BVEBO
IE=1mA, IC=0
7
V
Collector-Emitter sustaining Voltage
VCEX(SUS)
IC=1.5A, IB1= -IB2=0.3A
L=2mH, Clamped
800
V
Collector Cut-off Current
ICBO
VCB=800V, IE=0
10
μA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
10
μA
hFE 1
VCE=5V, IC=0.2A
10
40
DC Current Gain
hFE 2
VCE=5V, IC=1A
6
Collector-Emitter Saturation Voltage
VCE (SAT)
IC=1A, IB=0.3A
1.1
V
Base-Emitter Saturation Voltage
VBE (SAT)
IC=1.5A, IB=0.3A
1.5
V
Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
60
pF
Current Gain Bandwidth Product
fT
VCE=10V, IC=0.2A
15
MHz
Turn ON Time
tON
0.5
μs
Storage Time
tSTG
3
μs
Fall Time
tF
VCC=400V
IC=5IB1= -2.5IB2=2A
RL=200Ω
0.3
μs
CLASSIFICATION of hFE1
RANK
N
R
O
RANGE
10 ~ 20
15 ~ 30
20 ~ 40


Similar Part No. - N5027

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
N5027 UTC-N5027 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027-X-TA3-T UTC-N5027-X-TA3-T Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027-X-TA3-T UTC-N5027-X-TA3-T Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027-X-TF3-T UTC-N5027-X-TF3-T Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027-X-TF3-T UTC-N5027-X-TF3-T Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
More results

Similar Description - N5027

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
N5027 UTC-N5027_07 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
N5027 UTC-N5027_15 Datasheet
55Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY NPN TRANSISTOR
logo
Samsung semiconductor
KSC5030 SAMSUNG-KSC5030 Datasheet
215Kb / 6P
   NPN (HIGH VOLTAGE AND HIGH RELIABILITY)
KSC5024 SAMSUNG-KSC5024 Datasheet
206Kb / 6P
   NPN (HIGH VOLTAGE AND HIGH RELIABILITY)
logo
Unisonic Technologies
2SC5027E UTC-2SC5027E_11 Datasheet
190Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
2SC5027E UTC-2SC5027E Datasheet
50Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
2SC5027E UTC-2SC5027E_15 Datasheet
231Kb / 4P
   HIGH VOLTAGE AND HIGH RELIABILITY TRANSISTOR
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F Datasheet
64Kb / 5P
   High Voltage and High Reliability
KSC5321 FAIRCHILD-KSC5321 Datasheet
55Kb / 6P
   High Voltage and High Reliability
KSC5367 FAIRCHILD-KSC5367 Datasheet
56Kb / 6P
   High Voltage and High Reliability
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com