Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC125APWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125APWR
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC125APWR Datasheet(HTML) 3 Page - Texas Instruments

  SN74LVC125APWR Datasheet HTML 1Page - Texas Instruments SN74LVC125APWR Datasheet HTML 2Page - Texas Instruments SN74LVC125APWR Datasheet HTML 3Page - Texas Instruments SN74LVC125APWR Datasheet HTML 4Page - Texas Instruments SN74LVC125APWR Datasheet HTML 5Page - Texas Instruments SN74LVC125APWR Datasheet HTML 6Page - Texas Instruments SN74LVC125APWR Datasheet HTML 7Page - Texas Instruments SN74LVC125APWR Datasheet HTML 8Page - Texas Instruments SN74LVC125APWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
www.ti.com
Recommended Operating Conditions
(1)
Electrical Characteristics
SN74LVC125A
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCAS290O – JANUARY 1993 – REVISED AUGUST 2005
TA = 25°C
–40
°C to 85°C
–40
°C to 125°C
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
Operating
1.65
3.6
1.65
3.6
1.65
3.6
VCC
Supply voltage
V
Data retention only
1.5
1.5
1.5
VCC = 1.65 V to 1.95 V
0.65
× V
CC
0.65
× V
CC
0.65
× V
CC
High-level
VIH
VCC = 2.3 V to 2.7 V
1.7
1.7
1.7
V
input voltage
VCC = 2.7 V to 3.6 V
2
2
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
0.35
× V
CC
0.35
× V
CC
Low-level
VIL
VCC = 2.3 V to 2.7 V
0.7
0.7
0.7
V
input voltage
VCC = 2.7 V to 3.6 V
0.8
0.8
0.8
VI
Input voltage
0
5.5
0
5.5
0
5.5
V
VO
Output voltage
0
VCC
0
VCC
0
VCC
V
VCC = 1.65 V
–4
–4
–4
VCC = 2.3 V
–8
–8
–8
High-level
IOH
mA
output current
VCC = 2.7 V
–12
–12
–12
VCC = 3 V
–24
–24
–24
VCC = 1.65 V
4
4
4
VCC = 2.3 V
8
8
8
Low-level
IOL
mA
output current
VCC = 2.7 V
12
12
12
VCC = 3 V
24
24
24
∆t/∆v
Input transition rise or fall rate
8
8
8
ns/V
(1)
All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40
°C to 85°C
–40
°C to 125°C
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
IOH = –100 µA
1.65 V to 3.6 V VCC – 0.2
VCC – 0.2
VCC – 0.3
IOH = –4 mA
1.65 V
1.29
1.2
1.05
IOH = –8 mA
2.3 V
1.9
1.7
1.55
VOH
V
2.7 V
2.2
2.2
2.05
IOH = –12 mA
3 V
2.4
2.4
2.25
IOH = –24 mA
3 V
2.3
2.2
2
IOL = 100 µA
1.65 V to 3.6 V
0.1
0.2
0.3
IOL = 4 mA
1.65 V
0.24
0.45
0.6
VOL
IOL = 8 mA
2.3 V
0.3
0.7
0.75
V
IOL = 12 mA
2.7 V
0.4
0.4
0.6
IOL = 24 mA
3 V
0.55
0.55
0.8
II
VI = 5.5 V or GND
3.6 V
±1
±5
±20
µA
IOZ
VO = VCC or GND
3.6 V
±1
±10
±20
µA
ICC
VI = VCC or GND,
IO = 0
3.6 V
1
10
40
µA
One input at VCC – 0.6 V,
∆I
CC
Other inputs at VCC or
2.7 V to 3.6 V
500
500
5000
µA
GND
Ci
VI = VCC or GND
3.3 V
5
pF
3


Similar Part No. - SN74LVC125APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125APWR TI-SN74LVC125APWR Datasheet
281Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LVC125APWR TI-SN74LVC125APWR Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125APWR TI1-SN74LVC125APWR Datasheet
1Mb / 28P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
SN74LVC125APWR TI1-SN74LVC125APWR Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
FEBRUARY 2024
SN74LVC125APWRE4 TI-SN74LVC125APWRE4 Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC125APWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com