Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC125ADBR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC125ADBR
Description  QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC125ADBR Datasheet(HTML) 4 Page - Texas Instruments

  SN74LVC125ADBR Datasheet HTML 1Page - Texas Instruments SN74LVC125ADBR Datasheet HTML 2Page - Texas Instruments SN74LVC125ADBR Datasheet HTML 3Page - Texas Instruments SN74LVC125ADBR Datasheet HTML 4Page - Texas Instruments SN74LVC125ADBR Datasheet HTML 5Page - Texas Instruments SN74LVC125ADBR Datasheet HTML 6Page - Texas Instruments SN74LVC125ADBR Datasheet HTML 7Page - Texas Instruments SN74LVC125ADBR Datasheet HTML 8Page - Texas Instruments SN74LVC125ADBR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
www.ti.com
Switching Characteristics
Operating Characteristics
SN74LVC125A
QUADRUPLE BUS BUFFER GATE
WITH 3-STATE OUTPUTS
SCAS290O – JANUARY 1993 – REVISED AUGUST 2005
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
TA = 25°C
–40
°C to 85°C –40°C to 125°C
FROM
TO
PARAMETER
VCC
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
1.8 V
± 0.15 V
1
4.5
11.8
1
12.3
1
13.8
2.5 V
± 0.2 V
1
2.7
5.8
1
6.3
1
8.4
tpd
A
Y
ns
2.7 V
1
3
5.3
1
5.5
1
7
3.3 V
± 0.3 V
1
2.5
4.6
1
4.8
1
6
1.8 V
± 0.15 V
1
4.3
13.8
1
14.3
1
15.8
2.5 V
± 0.2 V
1
2.7
6.9
1
7.4
1
9.5
ten
OE
Y
ns
2.7 V
1
3.3
6.4
1
6.6
1
8.5
3.3 V
± 0.3 V
1
2.4
5.2
1
5.4
1
7
1.8 V
± 0.15 V
1
4.3
10.6
1
11.1
1
12.6
2.5 V
± 0.2 V
1
2.2
5.1
1
5.6
1
7.7
tdis
OE
Y
ns
2.7 V
1
2.5
4.8
1
5
1
6.5
3.3 V
± 0.3 V
1
2.4
4.4
1
4.6
1
6
tsk(o)
3.3 V
± 0.3 V
1
1.5
ns
T
A = 25°C
TEST
PARAMETER
VCC
TYP
UNIT
CONDITIONS
1.8 V
7.4
Cpd
Power dissipation capacitance per gate
f = 10 MHz
2.5 V
11.3
pF
3.3 V
15
4


Similar Part No. - SN74LVC125ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125ADBR TI-SN74LVC125ADBR Datasheet
281Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATES WITH 3-STATE OUTPUTS
SN74LVC125ADBR TI-SN74LVC125ADBR Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125ADBR TI1-SN74LVC125ADBR Datasheet
1Mb / 28P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
SN74LVC125ADBR TI1-SN74LVC125ADBR Datasheet
1Mb / 33P
[Old version datasheet]   SN74LVC125A Quadruple Bus Buffer Gate With 3-State Outputs
FEBRUARY 2024
SN74LVC125ADBRG4 TI-SN74LVC125ADBRG4 Datasheet
614Kb / 17P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LVC125ADBR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC125A TI-SN74LVC125A Datasheet
109Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74AVC126 TI-SN74AVC126 Datasheet
227Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Potato Semiconductor Co...
PO74G126A POTATO-PO74G126A_14 Datasheet
1Mb / 5P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74AUC125 TI-SN74AUC125 Datasheet
170Kb / 9P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC125A-EP TI1-SN74LVC125A-EP Datasheet
530Kb / 12P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LV125A-Q1 TI1-SN74LV125A-Q1 Datasheet
638Kb / 13P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74ABT125Q-Q1 TI1-SN74ABT125Q-Q1 Datasheet
152Kb / 8P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
SN74LVC126A-Q1 TI1-SN74LVC126A-Q1 Datasheet
227Kb / 10P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74AHC125 UTC-U74AHC125 Datasheet
212Kb / 6P
   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
logo
Texas Instruments
SN74F126 TI-SN74F126 Datasheet
66Kb / 5P
[Old version datasheet]   QUADRUPLE BUS BUFFER GATE WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com