Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX13481E Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX13481E
Description  ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13481E Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX13481E Datasheet HTML 2Page - Maxim Integrated Products MAX13481E Datasheet HTML 3Page - Maxim Integrated Products MAX13481E Datasheet HTML 4Page - Maxim Integrated Products MAX13481E Datasheet HTML 5Page - Maxim Integrated Products MAX13481E Datasheet HTML 6Page - Maxim Integrated Products MAX13481E Datasheet HTML 7Page - Maxim Integrated Products MAX13481E Datasheet HTML 8Page - Maxim Integrated Products MAX13481E Datasheet HTML 9Page - Maxim Integrated Products MAX13481E Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
±15kV ESD-Protected USB Transceivers with
External/Internal Pullup Resistors
6
_______________________________________________________________________________________
OE, VP, VM TIMING
MAX13481E toc15
20ns/div
VM
2V/div
OE
2V/div
VP
2V/div
EYE DIAGRAM
4
-1
2
1
0
3
0
1020304050607080
TIME (ns)
Pin Description
Typical Operating Characteristics (continued)
(VBUS = 5V, VL = +3.3V, TA = +25°C, unless otherwise noted.)
TRANSMISSION IN
SUSPEND MODE
MAX13481E toc13
VP
D-
D+
VM
20ns/div
1V/div
1V/div
BUS DETECT RESPONSE
MAX13481E toc14
1
μs/div
BD
1V/div
VBUS
2V/div
PIN
NAME
FUNCTION
8, 16
1, 8
1, 5,
8
N.C.
No Connection. Not internally connected.
1—
SP
Connect to VL for Pin Compatibility to the MIC2551A or Leave Floating. Not internally
connected.
222
RCV
Differential Receiver Output. RCV responds to the differential input on D+ and D-. RCV
asserts low when SUS = VL.
333
VP
Receiver Output/Driver Input. VP functions as a receiver output when
OE = VL. VP
duplicates D+ when receiving. VP functions as a driver input when
OE = GND.


Similar Part No. - MAX13481E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1348 MAXIM-MAX1348 Datasheet
388Kb / 39P
   12-Bit, Multichannel ADCs/DACs with FIFO, Temperature Sensing, and GPIO Ports
Rev 3; 3/08
MAX13485E MAXIM-MAX13485E Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
MAX13485E MAXIM-MAX13485E Datasheet
116Kb / 5P
   Evaluation Kit
Rev 0; 12/08
MAX13485E MAXIM-MAX13485E Datasheet
116Kb / 5P
   Fully Assembled and Tested
Rev 0; 12/08
MAX13485EELA+T MAXIM-MAX13485EELA+T Datasheet
276Kb / 16P
   Half-Duplex RS-485/RS-422 Transceivers in uDFN
Rev 0; 1/07
More results

Similar Description - MAX13481E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX202E MAXIM-MAX202E_05 Datasheet
1Mb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
logo
Analog Devices
MAX202E AD-MAX202E Datasheet
1Mb / 26P
   ±15kV ESD-Protected, 5V RS-232 Transceivers
Rev 8; 1/21
logo
Maxim Integrated Produc...
MAX202E MAXIM-MAX202E Datasheet
507Kb / 25P
   15kV ESD-Protected, 5V RS-232 Transceivers
Rev 5; 10/03
MAX3233ECWP-TG36 MAXIM-MAX3233ECWP-TG36 Datasheet
263Kb / 12P
   ±15kV ESD-Protected, 1μA, 250kbps, 3.3V/5V, Dual RS-232 Transceivers with Internal Capacitors
Rev 2; 8/04
MAX3450E MAXIM-MAX3450E Datasheet
379Kb / 16P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 11/03
MAX3453E MAXIM-MAX3453E Datasheet
366Kb / 19P
   짹15kV ESD-Protected USB Transceivers
Rev 1; 10/03
MAX232EEWE MAXIM-MAX232EEWE Datasheet
2Mb / 26P
   15,-15kV ESD-Protected, 5V RS-232 Transceivers
Rev 6; 3/05
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com