Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMV358L-D08-T Datasheet(PDF) 6 Page - Unisonic Technologies

Part # LMV358L-D08-T
Description  GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LMV358L-D08-T Datasheet(HTML) 6 Page - Unisonic Technologies

Back Button LMV358L-D08-T Datasheet HTML 2Page - Unisonic Technologies LMV358L-D08-T Datasheet HTML 3Page - Unisonic Technologies LMV358L-D08-T Datasheet HTML 4Page - Unisonic Technologies LMV358L-D08-T Datasheet HTML 5Page - Unisonic Technologies LMV358L-D08-T Datasheet HTML 6Page - Unisonic Technologies LMV358L-D08-T Datasheet HTML 7Page - Unisonic Technologies LMV358L-D08-T Datasheet HTML 8Page - Unisonic Technologies LMV358L-D08-T Datasheet HTML 9Page - Unisonic Technologies LMV358L-D08-T Datasheet HTML 10Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LMV358
LINEAR INTEGRATED CIRCUIT
UNISONICTECHNOLOGIESCO.,LTD
6 of 12
www.unisonic.com.tw
QW-R105-010,C
TYPICAL CHARACTERISTICS(Cont.)
Open Loop Output Impedance
vs Frequency
1000
800
400
200
0
1k
10k
100k
1M
Frequency (Hz)
200
140
60
40
0
-40
0
40
80
600
100
Short Circuit Current vs
Temperature (Sinking)
Temperature (℃)
160
VSS = 5V
VSS = 2.7V
100
900
700
500
300
VSS = 5V
180
120
80
20
-20
60
20
-30
105090
-10
70
30
VSS = 2.7V
100
70
30
20
0
2.5
4
5
50
Output Voltage Swing vs
Supply Voltage
Supply Voltage(V)
80
RL = 10kΩ
90
60
40
10
34.5
3.5
Poaltive Swing
100
70
30
20
0
-40
0
40
80
50
Short Circuit Current vs
Temperature (Sourcing)
Temperature (℃)
80
VSS = 5V
90
60
40
10
-20
60
20
-30
105090
-10
70
30
VSS = 2.7V
Negative Swing
0.6
0.4
0.2
0.1
0.0
10
1k
10k
0.3
Input Current Noise vs Frequency
Frequency (Hz)
0.5
100
70
60
40
30
10
100
1k
10k
50
Input Voltage Noise vs Frequency
Frequency (Hz)
65
55
45
35
VCM = VS/2
VSS = 2.7V
VSS = 5V
VSS = 2.7V


Similar Part No. - LMV358L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LMV358L-D08-T UTC-LMV358L-D08-T Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results

Similar Description - LMV358L-D08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCLMV358 UTC-UTCLMV358 Datasheet
925Kb / 9P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321_10 Datasheet
625Kb / 15P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
DS33196 Rev. 5 - 2
logo
Unisonic Technologies
LMV358 UTC-LMV358_09 Datasheet
459Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV324 UTC-LV324 Datasheet
184Kb / 6P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
Diodes Incorporated
LMV321 DIODES-LMV321 Datasheet
630Kb / 16P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
/LMV324 Rev. 1
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
   General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132 Datasheet
390Kb / 11P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LV358 UTC-LV358 Datasheet
412Kb / 12P
   GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LPV321 NSC-LPV321 Datasheet
715Kb / 21P
   General Purpose, Low Voltage, Low Power, Rail-to-Rail Output Operational Amplifiers
logo
Texas Instruments
LPV358 TI1-LPV358 Datasheet
798Kb / 23P
[Old version datasheet]   GENERAL-PURPOSE, LOW-VOLTAGE, LOW-POWER, RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com