Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5HW Datasheet(PDF) 2 Page - TOKO, Inc

Part # 5HW
Description  Radial Type Helical Filters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

5HW Datasheet(HTML) 2 Page - TOKO, Inc

  5HW Datasheet HTML 1Page - TOKO, Inc 5HW Datasheet HTML 2Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Helical Filters ヘリカルフィルタ
TYPE
5HW
5HT
5HW-35045A-365
365
6.0
25(50)
20(50)
1.0
4.5
5HW-36535A-380
380
7.0
25(50)
20(50)
1.0
4.5
5HW-39545A-425
425
7.0
25(50)
20(50)
1.0
4.5
5HW-40545A-430
430
7.0
25(50)
20(50)
1.0
4.5
5HW-44545A-475
475
8.0
22(50)
18(50)
1.0
4.5
TYPE 5HW (Double tuned)
東光品番
中心周波数
帯域幅
選択度
リップル
挿入損失
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
(-1dB)
(MHz) Min.
Selectivity
Ripple
(dB) Max.
Fo - ( )MHz
(dB) Min.
Fo + ( )MHz
(dB) Min.
Insertion
Loss
(dB) Max.
5HW-47535A-505
505
10.0
20(50)
16(50)
1.0
4.5
5HW-51035A-530
530
10.0
20(50)
16(50)
1.0
4.5
5HW-52535A-545
545
10.0
20(50)
16(50)
1.0
4.5
5HW-58080A-625
625
10.0
18(50)
15(50)
1.0
4.5
5HW-65535A-670
670
14.0
26(100)
23(100)
1.0
3.5
5HW-94555A-959
959
18.0
20(100)
17(100)
1.0
3.5
5HW-100090A-1010
1010
16.0
18(100)
14(100)
1.0
3.5
5HW-109060A-1130
1130
18.0
16(100)
14(100)
1.0
3.5
5HW-115045F-1195
1195
24.0
20(100)
18(100)
1.0
3.5
5HW-120050F-1225
1225
18.0
24(100)
20(100)
1.0
3.5
5HW-125055F-1305
1305
25.0
20(100)
18(100)
1.0
3.5
5HT-36020AS-360
360
16.0
33
25
1.0
4.0
5HT-38020AS-380
380
16.0
28
24
1.0
4.0
5HT-40020AS-400
400
11.0
34
31
1.0
4.0
5HT-42020AS-420
420
13.0
32
27
1.0
4.0
5HT-44020AS-440
440
14.0
28
25
1.0
4.0
TYPE 5HT (Triple tuned)
東光品番
中心周波数
帯域幅
選択度
リップル
挿入損失
TOKO
Part
Number
Center
Frequency
(MHz)
Bandwidth
(-1dB)
(MHz) Min.
Selectivity
Ripple
(dB) Max.
Fo - 50MHz
(dB) Min.
Fo + 50MHz
(dB) Min.
Insertion
Loss
(dB) Max.
5HT-46020AS-460
460
14.0
28
23
1.0
4.0
5HT-48030AS-480
480
14.0
26
22
1.0
4.0
5HT-49520AS-495
495
15.0
26
22
1.0
4.0
5HT-51535AS-515
515
16.0
25
20
1.0
4.0
5HT-52070AS-520
520
9.0
25
22
1.0
4.0
5HT-59065F-590
590
12.0
34
25
1.0
4.5
5HT-63540F-635
635
12.0
30
26
1.0
4.0
5HT-65550F-655
655
12.0
30
26
1.0
4.0
5HT-70530F-705
705
15.0
30
26
1.0
4.0
5HT-73565F-735
735
15.0
28
24
1.0
4.0
5HT-80030F-800
800
15.0
28
24
1.0
4.0
5HT-83050F-830
830
15.0
26
22
1.0
4.0
5HT-88065F-880
880
15.0
24
20
1.0
4.0
5HT-94535F-945
945
15.0
22
18
1.0
4.0
5HT-98030F-980
980
15.0
22
18
1.0
4.0
5HT-101045F-1010
1010
15.0
18
14
1.0
4.0
5HT-105535F-1055
1055
15.0
18
14
1.0
4.0
5HT-109065F-1090
1090
15.0
17
15
1.0
4.0
5HT-112570C-1125
1125
15.0
20
18
1.0
4.5
5HT-123080C-1230
1230
15.0
20
16
1.0
4.5
SELECTION GUIDE FOR STANDARD FILTERS
continued from previous page
前頁より続く


Similar Part No. - 5HW

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
5HW-125055F-1305 TOKO-5HW-125055F-1305 Datasheet
53Kb / 2P
   Helical Filters, Leaded
More results

Similar Description - 5HW

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
7HW TOKO-7HW Datasheet
112Kb / 2P
   Radial Type Helical Filters
5HW-125055F-1305 TOKO-5HW-125055F-1305 Datasheet
53Kb / 2P
   Helical Filters, Leaded
logo
EUROQUARTZ limited
5HX2 EUROQUARTZ-5HX2 Datasheet
385Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
logo
TOKO, Inc
5CHLW TOKO-5CHLW Datasheet
117Kb / 2P
   Helical Filters for Surface Mounting
logo
EUROQUARTZ limited
5HX3 EUROQUARTZ-5HX3 Datasheet
389Kb / 1P
   HELICAL FILTERS 350MHz to 800MHz
logo
TOKO, Inc
SKP107M1-A0-20 TOKO-SKP107M1-A0-20 Datasheet
168Kb / 1P
   Radial Taping / FM Ceramic Filters
CFSKP TOKO-CFSKP Datasheet
116Kb / 1P
   RADIAL TAPING FM CERAMIC FILTERS
logo
List of Unclassifed Man...
NAS1130 ETC2-NAS1130 Datasheet
274Kb / 3P
   HELICAL COIL
logo
Glenair, Inc.
121-102 GLENAIR-121-102_09 Datasheet
332Kb / 1P
   Helical Convoluted Tubing
logo
Panasonic Semiconductor
ELK-EA101FA PANASONIC-ELK-EA101FA Datasheet
141Kb / 6P
   Coil type EMI Filters (Digital Noise Filters)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com