Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4DFA Datasheet(PDF) 2 Page - TOKO, Inc

Part # 4DFA
Description  Dielectric Filters for Surface Mounting
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc

4DFA Datasheet(HTML) 2 Page - TOKO, Inc

  4DFA Datasheet HTML 1Page - TOKO, Inc 4DFA Datasheet HTML 2Page - TOKO, Inc 4DFA Datasheet HTML 3Page - TOKO, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Dielectric Filters for Surface Mounting
実装
づけ
用 小型誘電体フィルタ
TYPE
#4DFA
#4DFB
#4DFB-1950L-10
1950.0
± 30.0
3.0
1.0
1.0
25, 25 (fo − 230, + 160) W-CDMA
#4DFB-2140L-10
2140.0
± 30.0
3.0
1.0
2.0
30, 22 (fo − 340, − 160) W-CDMA
#4DFB-2442P-10
2442.0
± 40.0
2.5
1.2
2.0
5, 32 (fo ± 80, ± 250)
Spread Spectrum
#4DFB-920A-11
920.0
± 2.5
5.0
1.0
2.0
50, 18 (fo − 88, ± 20)
Digital TV
#4DFB-860D-10
860.0
± 10.0
2.5
0.8
2.0
15, 35 (fo ± 35, ± 80)
LMR
#4DFB-886A-10
886.0
± 1.0
4.5
1.0
2.0
41 (fo ± 45)
Cordless Phone
#4DFB-953A-10
953.5
± 1.5
6.0
1.5
2.0
30 (fo ± 30)
RFID
#4DFB-915E-10
915.0
± 13.0
2.7
1.0
2.0
12 (fo ± 32.5)
Spread Spectrum
#4DFB-1030C-10 1030.0
± 7.5
3.2
1.0
1.6
20, 50 (fo ± 35, ± 140)
TCAS
#4DFB-1227D-10 1227.0
± 10.0
3.2
1.0
2.0
12, 40 (fo ± 35, ± 140)
GPS
TYPE #4DFB: SMD 3 Pole Designs
東光品番
中心周波数
帯域幅
挿入損失
帯域内リップル
V.S.W.R.
選択度
応用例
#4DFB-704E-10
704.0
± 12.0
3.0
1.0
2.0
40,43 (fo − 100, + 100) Wireless Microphon
#4DFB-790H-10
790.0
± 20.0
2.7
1.1
2.5
35 (fo ± 100)
Wireless Microphon
#4DFB-796E-10
796.0
± 14.0
3.0
1.0
2.0
40,43 (fo − 100, + 100) Wireless Microphon
#4DFB-836E-10
836.5
± 12.5
2.5
1.0
2.0
12 (fo ± 32.5)
AMPS
#4DFB-881E-10
881.5
± 12.5
2.5
1.0
2.0
12 (fo ± 32.5)
AMPS
TOKO
Part
Number
Center
Frequency
(MHz)
Insertion
Loss
(dB) Max.
Ripple
in BW
(dB) Max.
V.S.W.R.
in BW
Max.
Application
Bandwidth
(fo ± MHz)
Selectivity
(dB) Min. (MHz)
#4DFB-1575D-10 1575.0
± 10.0
3.2
1.0
2.0
12, 40 (fo ± 35, ± 140)
GPS
#4DFB-1542G-10 1542.0
± 17.0
2.0
1.0
2.0
17 (fo ± 84.5)
MCSS/INMARSAT
#4DFB-1643G-10 1643.5
± 17.0
1.6
0.5
1.5
18, 28 (fo − 67, + 108)
MCSS/INMARSAT
#4DFB-1747N-10 1747.5
± 35.0
2.0
1.2
2.0
12, 38 (fo ± 100, ± 350) PCN
#4DFB-1842N-10 1842.5
± 35.0
2.0
1.2
2.0
24, 38 (fo ± 157, ± 350) PCN
入出力インピーダンス/Input Output impedance : 50Ω
#4DFB-938A-13
938.0
± 3.0
2.0
1.0
2.0
18, 13 (fo − 36, + 36)
LMR


Similar Part No. - 4DFA

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
4DFS30L DOINGTER-4DFS30L Datasheet
1Mb / 5P
   Dual P-Channel MOSFET uses advanced trench technology
More results

Similar Description - 4DFA

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
5CHLW TOKO-5CHLW Datasheet
117Kb / 2P
   Helical Filters for Surface Mounting
ELFC TOKO-ELFC Datasheet
114Kb / 1P
   AM Ladder Filters for Surface Mounting
6DFA TOKO-6DFA Datasheet
110Kb / 1P
   Dielectric Filters
6DFC TOKO-6DFC Datasheet
102Kb / 1P
   Dielectric Filters
6DFSD TOKO-6DFSD Datasheet
136Kb / 1P
   Dielectric Filters
logo
AEL Crystals Ltd
DF2C820P20 AEL-DF2C820P20 Datasheet
124Kb / 1P
   Dielectric Devices Dielectric Filters (DF)
logo
TOKO, Inc
WDFM TOKO-WDFM Datasheet
152Kb / 1P
   Dielectric Waveguide Filters
logo
Token Electronics Indus...
DF457S30A TOKEN-DF457S30A Datasheet
524Kb / 19P
   DF-B Dielectric Filters
logo
Murata Manufacturing Co...
PTC-NTC MURATA-PTC-NTC Datasheet
265Kb / 10P
   for Surface Mounting Application
logo
Delta Electronics, Inc.
06ME3G DELTA-06ME3G Datasheet
785Kb / 3P
   PC BOARD MOUNTING FILTERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com