Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74LVX08DT Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74LVX08DT
Description  Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74LVX08DT Datasheet(HTML) 6 Page - ON Semiconductor

  MC74LVX08DT Datasheet HTML 1Page - ON Semiconductor MC74LVX08DT Datasheet HTML 2Page - ON Semiconductor MC74LVX08DT Datasheet HTML 3Page - ON Semiconductor MC74LVX08DT Datasheet HTML 4Page - ON Semiconductor MC74LVX08DT Datasheet HTML 5Page - ON Semiconductor MC74LVX08DT Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
MC74LVX08
http://onsemi.com
6
PACKAGE DIMENSIONS
SOEIAJ−14
M SUFFIX
CASE 965−01
ISSUE O
HE
A1
DIM
MIN
MAX
MIN
MAX
INCHES
−−−
2.05
−−−
0.081
MILLIMETERS
0.05
0.20
0.002
0.008
0.35
0.50
0.014
0.020
0.18
0.27
0.007
0.011
9.90
10.50
0.390
0.413
5.10
5.45
0.201
0.215
1.27 BSC
0.050 BSC
7.40
8.20
0.291
0.323
0.50
0.85
0.020
0.033
1.10
1.50
0.043
0.059
0
0.70
0.90
0.028
0.035
−−−
1.42
−−−
0.056
A1
HE
Q1
LE
_ 10_
0
_ 10_
LE
Q1
_
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETER.
3. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS AND ARE MEASURED
AT THE PARTING LINE. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.15 (0.006)
PER SIDE.
4. TERMINAL NUMBERS ARE SHOWN FOR
REFERENCE ONLY.
5. THE LEAD WIDTH DIMENSION (b) DOES NOT
INCLUDE DAMBAR PROTRUSION. ALLOWABLE
DAMBAR PROTRUSION SHALL BE 0.08 (0.003)
TOTAL IN EXCESS OF THE LEAD WIDTH
DIMENSION AT MAXIMUM MATERIAL CONDITION.
DAMBAR CANNOT BE LOCATED ON THE LOWER
RADIUS OR THE FOOT. MINIMUM SPACE
BETWEEN PROTRUSIONS AND ADJACENT LEAD
TO BE 0.46 ( 0.018).
0.13 (0.005) M
0.10 (0.004)
D
Z
E
1
14
8
7
e
A
b
VIEW P
c
L
DETAIL P
M
A
b
c
D
E
e
L
M
Z
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
MC74LVX08/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - MC74LVX08DT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74LVX08DT MOTOROLA-MC74LVX08DT Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
logo
ON Semiconductor
MC74LVX08DT ONSEMI-MC74LVX08DT Datasheet
133Kb / 5P
   LOW-VOLTAGE CMOS
REV 0
MC74LVX08DTG ONSEMI-MC74LVX08DTG Datasheet
105Kb / 5P
   Quad 2-Input AND Gate
August, 2014 ??Rev. 6
MC74LVX08DTR2G ONSEMI-MC74LVX08DTR2G Datasheet
105Kb / 5P
   Quad 2-Input AND Gate
August, 2014 ??Rev. 6
More results

Similar Description - MC74LVX08DT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX00 ONSEMI-MC74LVX00_05 Datasheet
83Kb / 6P
   Quad 2-Input NAND Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LVX02 ONSEMI-MC74LVX02_05 Datasheet
82Kb / 6P
   Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 3
MC74LCX32 ONSEMI-MC74LCX32_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input OR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LCX02 ONSEMI-MC74LCX02_05 Datasheet
81Kb / 8P
   Low-Voltage CMOS Quad 2-Input NOR Gate With 5 V?뭈olerant Inputs
January, 2005 ??Rev. 5
MC74LCX08 ONSEMI-MC74LCX08_05 Datasheet
80Kb / 8P
   Low-Voltage CMOS Quad 2-Input AND Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 6
MC74LCX86 ONSEMI-MC74LCX86_05 Datasheet
79Kb / 8P
   Low-Voltage CMOS Quad 2-Input XOR Gate With 5 V?뭈olerant Inputs
May, 2005 ??Rev. 5
MC74LVX157 ONSEMI-MC74LVX157 Datasheet
91Kb / 6P
   Quad 2-Channel Multiplexe With 5 V?뭈olerant Inputs
March, 2005 ??Rev. 2
MC74HC132A ONSEMI-MC74HC132A Datasheet
148Kb / 8P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
March, 2000 ??Rev. 7
logo
Integral Corp.
IN74ACT132 INTEGRAL-IN74ACT132 Datasheet
154Kb / 4P
   QUAD 2-INPUT NAND GATE WITH SCHMITT-TRIGGER INPUTS
logo
ON Semiconductor
MC74HC132A ONSEMI-MC74HC132A_13 Datasheet
145Kb / 9P
   Quad 2-Input NAND Gate with Schmitt-Trigger Inputs
May, 2013 ??Rev. 15
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com