Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNS04S0A0S10PFB Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DNS04S0A0S10PFB
Description  Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNS04S0A0S10PFB Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DNS04S0A0S10PFB Datasheet HTML 5Page - Delta Electronics, Inc. DNS04S0A0S10PFB Datasheet HTML 6Page - Delta Electronics, Inc. DNS04S0A0S10PFB Datasheet HTML 7Page - Delta Electronics, Inc. DNS04S0A0S10PFB Datasheet HTML 8Page - Delta Electronics, Inc. DNS04S0A0S10PFB Datasheet HTML 9Page - Delta Electronics, Inc. DNS04S0A0S10PFB Datasheet HTML 10Page - Delta Electronics, Inc. DNS04S0A0S10PFB Datasheet HTML 11Page - Delta Electronics, Inc. DNS04S0A0S10PFB Datasheet HTML 12Page - Delta Electronics, Inc. DNS04S0A0S10PFB Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DS_DNM04SIP10_05292006
9
Vo
Vin
On/Off
GND
Rpull-up
RL
I
ON/OFF
Figure 35: Negative remote On/Off implementation
Over-Current Protection
To provide protection in an output over load fault
condition, the unit is equipped with internal over-current
protection.
When
the
over-current
protection
is
triggered, the unit enters hiccup mode. The units
operate normally once the fault condition is removed.
DESIGN CONSIDERATIONS (CON.)
The power module should be connected to a low
ac-impedance input source. Highly inductive source
impedances can affect the stability of the module. An
input capacitance must be placed close to the modules
input pins to filter ripple current and ensure module
stability in the presence of inductive traces that supply
the input voltage to the module.
Safety Considerations
For safety-agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power
module has extra-low voltage (ELV) outputs when all
inputs are ELV.
The input to these units is to be provided with a
maximum 15A time-delay fuse in the ungrounded lead.
FEATURES DESCRIPTIONS
Remote On/Off
The DNM/DNL series power modules have an On/Off
pin for remote On/Off operation. Both positive and
negative On/Off logic options are available in the
DNM/DNL series power modules.
For positive logic module, connect an open collector
(NPN) transistor or open drain (N channel) MOSFET
between the On/Off pin and the GND pin (see figure 34).
Positive logic On/Off signal turns the module ON during
the logic high and turns the module OFF during the logic
low. When the positive On/Off function is not used, leave
the pin floating or tie to Vin (module will be On).
For negative logic module, the On/Off pin is pulled high
with an external pull-up resistor (see figure 35). Negative
logic On/Off signal turns the module OFF during logic
high and turns the module ON during logic low. If the
negative On/Off function is not used, leave the pin
floating or tie to GND. (module will be On)
RL
Vo
Vin
On/Off
GND
I
ON/OFF
Figure 34: Positive remote On/Off implementation


Similar Part No. - DNS04S0A0S10PFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0S10PFB DELTA-DNS04S0A0S10PFB Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
More results

Similar Description - DNS04S0A0S10PFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD_14 Datasheet
652Kb / 15P
   Delphi DNM series Non-Isolated Point of Load DC/DC Power Modules
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com