Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC74AC240DWR2 Datasheet(PDF) 7 Page - ON Semiconductor

Part # MC74AC240DWR2
Description  Octal Buffer/Line Driver with 3?뭆tate Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74AC240DWR2 Datasheet(HTML) 7 Page - ON Semiconductor

Back Button MC74AC240DWR2 Datasheet HTML 2Page - ON Semiconductor MC74AC240DWR2 Datasheet HTML 3Page - ON Semiconductor MC74AC240DWR2 Datasheet HTML 4Page - ON Semiconductor MC74AC240DWR2 Datasheet HTML 5Page - ON Semiconductor MC74AC240DWR2 Datasheet HTML 6Page - ON Semiconductor MC74AC240DWR2 Datasheet HTML 7Page - ON Semiconductor MC74AC240DWR2 Datasheet HTML 8Page - ON Semiconductor MC74AC240DWR2 Datasheet HTML 9Page - ON Semiconductor MC74AC240DWR2 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MC74AC240, MC74ACT240
http://onsemi.com
7
MARKING DIAGRAMS
PDIP−20
SOIC−20W
TSSOP−20
SOEIAJ−20
20
1
1
20
AC
240
ALYW
G
G
74ACT240
AWLYWWG
1
20
MC74AC240N
AWLYYWWG
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W
= Work Week
G or
G
= Pb−Free Package
(Note: Microdot may be in either location)
20
1
74AC240
AWLYWWG
1
20
ACT
240
ALYW
G
G
20
1
ACT240
AWLYYWWG
1
20
MC74ACT240N
AWLYYWWG
20
1
AC240
AWLYYWWG


Similar Part No. - MC74AC240DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74AC240DWR2 ONSEMI-MC74AC240DWR2 Datasheet
100Kb / 8P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
July, 2004 ??Rev. 6
MC74AC240DWR2G ONSEMI-MC74AC240DWR2G Datasheet
96Kb / 8P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 9
More results

Similar Description - MC74AC240DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74ACT241 ONSEMI-MC74ACT241 Datasheet
94Kb / 8P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 5
MC74AC244 ONSEMI-MC74AC244_06 Datasheet
117Kb / 9P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
September, 2006 ??Rev. 7
MC74AC540 ONSEMI-MC74AC540 Datasheet
131Kb / 12P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
December, 2006 ??Rev. 8
SN74LS541 ONSEMI-SN74LS541 Datasheet
202Kb / 6P
   Octal Buffer/Line Driver with 3?뭆tate Outputs
July, 2006 ??Rev. 4
MC74VHCT240A ONSEMI-MC74VHCT240A_11 Datasheet
146Kb / 7P
   Octal Bus Buffer/Line Driver Inverting with 3?뭆tate Outputs
May, 2011 ??Rev. 6
74HC244 ONSEMI-74HC244 Datasheet
126Kb / 7P
   Octal 3?뭆tate Noninverting Buffer/Line Driver/Line Receiver
March, 2007 ??Rev. 0
logo
Fairchild Semiconductor
74VHC244 FAIRCHILD-74VHC244 Datasheet
84Kb / 8P
   Octal Buffer/Line Driver with 3-STATE Outputs
74AC244 FAIRCHILD-74AC244 Datasheet
111Kb / 10P
   Octal Buffer/Line Driver with 3-STATE Outputs
logo
Motorola, Inc
SN54LS240 MOTOROLA-SN54LS240 Datasheet
191Kb / 6P
   OCTAL BUFFER/LINE DRIVER WITH 3-STATE OUTPUTS
logo
ON Semiconductor
MC74AC244 ONSEMI-MC74AC244_15 Datasheet
93Kb / 7P
   Octal Buffer/Line Driver with 3-State Outputs
February, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com