Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A3950 Datasheet(PDF) 2 Page - Allegro MicroSystems

Part No. A3950
Description  DMOS Full-Bridge Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

A3950 Datasheet(HTML) 2 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DMOS Full-Bridge Motor Driver
A3950
2
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Selection Guide
Part Number
Packing
Package
A3950SLP-T
96 pieces / tube
16 pin TSSOP with exposed thermal pad
A3950SLPTR-T
13 in. reel, 4000 pieces / reel
A3950SEU-T
92 pieces / tube
16 pin QFN with exposed thermal pad
A3950SEUTR-T
7 in. reel, 1500 pieces / reel
Absolute Maximum Ratings
Characteristic
Symbol
Notes
Rating
Units
Load Supply Voltage
VBB
36
V
Output Current
IOUT
2.8
A
Sense Voltage
VSENSE
±500
mV
VBB to OUTx
36
V
OUTx to SENSE
36
V
Logic Input Voltage
VIN
–0.3 to 7
V
Operating Ambient Temperature
TA
Range S
–20 to 85
ºC
Maximum Junction Temperature
TJ(max)
150
ºC
Storage Temperature
Tstg
–40 to 125
ºC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3974_1DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
A3969Dual Full-Bridge PWM Motor Driver 1 2 3 4 5 MoreAllegro MicroSystems
A3988Quad DMOS Full Bridge PWM Motor Driver 1 2 3 4 5 MoreAllegro MicroSystems
L6219DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreUnisonic Technologies
TB6592FLDual-Bridge Driver IC for DC motor 1 2 3 4 5 MoreSipex Corporation
A3985Digitally Programmable Dual Full-Bridge MOSFET Driver 1 2 3 4 5 MoreAllegro MicroSystems
UTCA98493-phase motor driver for CD-ROMs 1 2 3 4 5 MoreUnisonic Technologies
CS8441Stepper Motor Driver with Divide by Select 1 2 3 4 5 MoreON Semiconductor
SK12882-PHASE DC-FAN MOTOR DRIVER 1 2 3 4 5 MoreUnisonic Technologies
A3979Microstepping DMOS Driver with Translator 1 2 3 4 5 MoreAllegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn