Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

A3950 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part No. A3950
Description  DMOS Full-Bridge Motor Driver
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ALLEGRO [Allegro MicroSystems]
Homepage  http://www.allegromicro.com
Logo 

A3950 Datasheet(HTML) 1 Page - Allegro MicroSystems

 
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Approximate Scale 1:1
Package LP, 16 pin TSSOP
with Exposed Thermal Pad
Description
Designed for PWM (pulse width modulated) control of dc
motors, the A3950 is capable of peak output currents to ±2.8 A
and operating voltages to 36 V.
PHASE and ENABLE input terminals are provided for use in
controlling the speed and direction of a dc motor with externally
applied PWM control signals. Internal synchronous rectification
control circuitry is provided to lower power dissipation during
PWM operation.
Internal circuit protection includes motor lead short-to-
supply / short-to-ground, thermal shutdown with hysteresis,
undervoltage monitoring of VBB andVCP, and crossover-current
protection.
TheA3950 is supplied in a thin profile (<1.2 mm overall height)
16 pin TSSOP package (LP), and a very thin (0.75 mm nominal
height) QFN package. Both packages provide an exposed pad
for enhanced thermal dissipation, and are lead (Pb) free with
100% matte tin leadframe plating.
A3950DS, Rev. 4
Features and Benefits
▪ Low RDS(on) outputs
▪ Overcurrent protection
▪ Motor lead short-to-supply protection
▪ Short-to-ground protection
▪ Sleep function
▪ Synchronous rectification
▪ Diagnostic output
▪ Internal undervoltage lockout (UVLO)
▪ Crossover-current protection
DMOS Full-Bridge Motor Driver
Packages:
Typical Application Diagrams
A3950
Package EU, 16 pin QFN
with Exposed Thermal Pad
Package LP
Package EU
VBB
0.1 μF
50 V
0.22 μF
25 V
100 μF
50 V
0.1 μF
50 V
0.1 μF
50 V
A3950
EU Package
VDD
5 kΩ
PHASE
GND
SLEEP
ENABLE
GND
CP2
CP1
OUTB
VBB
0.1 μF
50 V
0.22 μF
25 V
0.1 μF
50 V
0.1 μF
50 V
100 μF
50 V
A3950
LP Package
VDD
5 kΩ
SLEEP
ENABLE
OUTA
SENSE
NFAULT
MODE
PHASE
GND
OUTB
VBB
VCP
GND
CP2
CP1
VREG
NC


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
3974_1DMOS DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreAllegro MicroSystems
A3969Dual Full-Bridge PWM Motor Driver 1 2 3 4 5 MoreAllegro MicroSystems
A3988Quad DMOS Full Bridge PWM Motor Driver 1 2 3 4 5 MoreAllegro MicroSystems
L6219DUAL FULL-BRIDGE PWM MOTOR DRIVER 1 2 3 4 5 MoreUnisonic Technologies
TB6592FLDual-Bridge Driver IC for DC motor 1 2 3 4 5 MoreSipex Corporation
A3985Digitally Programmable Dual Full-Bridge MOSFET Driver 1 2 3 4 5 MoreAllegro MicroSystems
UTCA98493-phase motor driver for CD-ROMs 1 2 3 4 5 MoreUnisonic Technologies
CS8441Stepper Motor Driver with Divide by Select 1 2 3 4 5 MoreON Semiconductor
SK12882-PHASE DC-FAN MOTOR DRIVER 1 2 3 4 5 MoreUnisonic Technologies
A3979Microstepping DMOS Driver with Translator 1 2 3 4 5 MoreAllegro MicroSystems

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn