Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

628L Datasheet(PDF) 2 Page - Bi technologies

Part No. 628L
Description  R/2R Ladder .220” Small Outline Thick Film DIP Surface Mount Resistor Networks
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BITECH [Bi technologies]
Homepage  http://www.bitechnologies.com
Logo 

628L Datasheet(HTML) 2 Page - Bi technologies

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4-132
Model 628 L
.050
1.27
.016
0.41
.310
7.87
Max.
Typ.
.028
0.71
Typ.
.090
2.29
Max.
.008
0.20
Typ.
Typ.
.445
11.30
.008
± .005
0.20
± 0.13
.220
± .005
5.59
± 0.13
OUTLINE DIMENSIONS (Inch/mm)
1
2R
R
16
2R
R
2R
R
2R
R
2R
R
2R
R
2R
2R
2R
R
1
2R
R
16
2R
R
2R
R
2R
R
2R
R
2R
R
2R
2R
2R
R
Model 628 L
8 Bits, 16 Leads
Model 628 LN
8 Bits, 16 Leads
SCHEMATICS
Note: Maximum Allowable Mold Excursion = 0.006"
Note: Custom circuits are available. Consult factory.


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn