Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LD2985 Datasheet(PDF) 8 Page - Unisonic Technologies

Part No. LD2985
Description  VERY LOW DROP AND LOW NOISE VOLTAGE REGULATOR LOW ESR CAP. COMPATIBLE, WITH INHIBIT FUNCTION
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  UTC [Unisonic Technologies]
Homepage  http://www.utc-ic.com
Logo 

LD2985 Datasheet(HTML) 8 Page - Unisonic Technologies

 
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
UTCLD2985
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD.
8
QW-R102-024,C
80
25
0
75
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
Io (mA)
0
Vi=3.5 ~ 6.5V
Co=10µ F
fosc=1KHz
70
60
40
Supply Voltage Rejection vs Frequency
20
f (KHz)
0
50
30
10
10
1
10
2
10
3
10
4
Vi=3.5 ~ 6.5V
Io=10mA
Vo=2.5V
Co=1µ F
80
25
075
50
60
125
40
100
150
Supply Voltage Rejection vs Output Current
20
Io (mA)
0
Vi=3.5 ~ 6.5V
Co=1µ F
fosc=1KHz
Line Transient
Vin
Vout
Vo=2.5V, Io=50mA, no Ci, Co=4.7µ F, tr=tf=20ns
Ch1 500mV
20.0mV
CH2
M 10.0μs Ch1
3.96V
Ch2
1
?
?
T
Tek Run:5.00MS/s Average
1
100
175
100
175
80
10
5
Line Transient
Vin
Vout
Vo=2.5V, Io=50mA, no Ci, Co=4.7μF, tr=tf=1μs
500mV
20.0mV
CH2
M 10.0µ s Ch1
3.96V
1
?
?
T
Tek Run:5.00MS/s Average
Ch1
Ch2
2
f (KHz)
70
60
40
Supply Voltage Rejection vs Frequency
20
0
50
30
10
10
1
10
2
10
3
10
4
Vi=2.8 ~ 5.8V
Io=10mA
Vo=1.8V
Co=10µ F
10
5


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn