Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA9741 Datasheet(PDF) 5 Page - Unisonic Technologies

Part # BA9741
Description  TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

BA9741 Datasheet(HTML) 5 Page - Unisonic Technologies

  BA9741 Datasheet HTML 1Page - Unisonic Technologies BA9741 Datasheet HTML 2Page - Unisonic Technologies BA9741 Datasheet HTML 3Page - Unisonic Technologies BA9741 Datasheet HTML 4Page - Unisonic Technologies BA9741 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
UTCBA9741
LINEAR INTEGRATED CIRCUIT
UTC UNISONIC TECHNOLOGIES CO., LTD. 5
QW-R103-017,B
ELECTRICAL CHARACTERISTIC CURVES
-40
-20
020
40
2.0
-2.0
Ambient Temperature : Ta (℃)
Figure 2. Reference Voltage vs.Ambient Temperature
-1.5
100
1K
10K
100K
1M
-30
-50
-40
Frequency :f (Hz)
Av
2.2
2.0
10K
100K
1M
Figure 3. Swing Voltage vs. Frequency
1.2
Figure 5. Error Amplifier AC Gain Characteristic (40dB close)
VCC =6V
RT1=10KΩ
Upper Voltage
Lower Voltage
60
80
100
-1.0
-0.5
0
0.5
1.0
1.5
VCC=6V
Iref = -1mA
1.8
1.6
1.4
0
20
40
60
80
0
Output Current :Io (mA)
Figure4. Output Current vs.Output Saturation Voltage
0.2
100 120 140
0.4
0.6
0.8
1.0
1.2
-20
-10
0
10
20
30
40
50
180
90
0
-90
-180
θ
Oscillator Frequency :fosc (Hz)
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - BA9741

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
BA9741 ETL-BA9741 Datasheet
146Kb / 5P
   TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
Rohm
BA9741 ROHM-BA9741 Datasheet
214Kb / 6P
   2-ch Switching Regulator Controller
logo
Unisonic Technologies
BA9741A UTC-BA9741A Datasheet
142Kb / 5P
   LINEAR INTEGRATED CIRCUIT
logo
Rohm
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
BA9741F ROHM-BA9741F Datasheet
214Kb / 6P
   2-ch Switching Regulator Controller
More results

Similar Description - BA9741

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
BA9741 ETL-BA9741 Datasheet
146Kb / 5P
   TWO-CHANNEL SWITCHING REGULATOR CONTORLLER
logo
Rohm
BA9741F ROHM-BA9741F Datasheet
110Kb / 5P
   Two-channel switching regulator controller
logo
MIC GROUP RECTIFIERS
MIC2570 MIC-MIC2570_11 Datasheet
366Kb / 15P
   Two-Cell Switching Regulator
logo
Micrel Semiconductor
MIC2570 MICREL-MIC2570_07 Datasheet
361Kb / 15P
   Two-Cell Switching Regulator
MIC2570 MICREL-MIC2570 Datasheet
178Kb / 14P
   Two-Cell Switching Regulator Preliminary Information
logo
New Japan Radio
NJM2355 NJRC-NJM2355 Datasheet
326Kb / 11P
   TWO OUTPUT HIGH VOLTAGE SWITCHING REGULATOR
logo
National Semiconductor ...
LM2648 NSC-LM2648 Datasheet
1,017Kb / 23P
   Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
logo
Rohm
BD9302FP ROHM-BD9302FP Datasheet
337Kb / 6P
   2.5MHz 2A Power Switch Two Channel Step-down Switching Regulator
logo
Taiwan Memory Technolog...
T6336A TMT-T6336A Datasheet
32Kb / 3P
   Two Channel Constant Current Regulator
logo
Advanced Analog Technol...
AAT1343 AAT-AAT1343 Datasheet
195Kb / 14P
   2-CHANNEL SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com