Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BUK9508-55 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BUK9508-55
Description  TrenchMOS transistor Logic level FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BUK9508-55 Datasheet(HTML) 5 Page - NXP Semiconductors

  BUK9508-55 Datasheet HTML 1Page - NXP Semiconductors BUK9508-55 Datasheet HTML 2Page - NXP Semiconductors BUK9508-55 Datasheet HTML 3Page - NXP Semiconductors BUK9508-55 Datasheet HTML 4Page - NXP Semiconductors BUK9508-55 Datasheet HTML 5Page - NXP Semiconductors BUK9508-55 Datasheet HTML 6Page - NXP Semiconductors BUK9508-55 Datasheet HTML 7Page - NXP Semiconductors BUK9508-55 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors
Product specification
TrenchMOS
™ transistor
BUK9508-55
Logic level FET
Fig.11. Sub-threshold drain current.
I
D = f(VGS); conditions: Tj = 25 ˚C; VDS = VGS
Fig.12. Typical capacitances, C
iss, Coss, Crss.
C = f(V
DS); conditions: VGS = 0 V; f = 1 MHz
Fig.13. Typical turn-on gate-charge characteristics.
V
GS = f(QG); conditions: ID = 50 A; parameter VDS
Fig.14. Typical reverse diode current.
I
F = f(VSDS); conditions: VGS = 0 V; parameter Tj
Fig.15. Normalised avalanche energy rating.
W
DSS% = f(Tmb); conditions: ID = 75 A
Fig.16. Avalanche energy test circuit.
0
0.5
1
1.5
2
2.5
3
1E-05
1E-05
1E-04
1E-03
1E-02
1E-01
Sub-Threshold Conduction
2%
typ
98%
0
0.2
0.4
0.6
0.8
1
1.2
0
20
40
60
80
100
Tj/C =
175
25
IF/A
VSDS/V
0.01
0.1
1
10
100
0
2
4
6
8
10
12
VDS/V
Ciss
Coss
Crss
20
40
60
80
100
120
140
160
180
Tmb / C
120
110
100
90
80
70
60
50
40
30
20
10
0
WDSS%
0
1020
304050
6070
8090
0
1
2
3
4
5
6
VGS/V
VDS = 14V
VDS = 44V
QG/nC
L
T.U.T.
VDD
RGS
R 01
VDS
-ID/100
+
-
shunt
VGS
0
W
DSS = 0.5 ⋅ LID
2
⋅ BV
DSS/(BVDSS − VDD)
February 1997
5
Rev 1.000


Similar Part No. - BUK9508-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9508-55A PHILIPS-BUK9508-55A Datasheet
328Kb / 14P
   TrenchMOS logic level FET
Rev. 03-6 May 2002
logo
Inchange Semiconductor ...
BUK9508-55A ISC-BUK9508-55A Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Nexperia B.V. All right...
BUK9508-55A NEXPERIA-BUK9508-55A Datasheet
403Kb / 11P
   TrenchMOS™ logic level FET
22 March 2017
BUK9508-55B NEXPERIA-BUK9508-55B Datasheet
464Kb / 15P
   N-channel TrenchMOS logic level FET
logo
Inchange Semiconductor ...
BUK9508-55B ISC-BUK9508-55B Datasheet
333Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - BUK9508-55

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK9514-55 PHILIPS-BUK9514-55 Datasheet
53Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9524-55 PHILIPS-BUK9524-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
BUK9528-55 PHILIPS-BUK9528-55 Datasheet
64Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHB11N06LT PHILIPS-PHB11N06LT Datasheet
76Kb / 9P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.000
PHN1011 PHILIPS-PHN1011 Datasheet
115Kb / 7P
   TrenchMOS transistor Logic level FET
June 1999 Rev 1.100
BUK9520-55 PHILIPS-BUK9520-55 Datasheet
63Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.100
PHP37N06LT PHILIPS-PHP37N06LT Datasheet
79Kb / 10P
   TrenchMOS transistor Logic level FET
September 1998 Rev 1.400
BUK9606-30 PHILIPS-BUK9606-30 Datasheet
51Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9608-55 PHILIPS-BUK9608-55 Datasheet
68Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
BUK9610-30 PHILIPS-BUK9610-30 Datasheet
52Kb / 8P
   TrenchMOS transistor Logic level FET
December 1997 Rev 1.100
BUK9614-55 PHILIPS-BUK9614-55 Datasheet
56Kb / 8P
   TrenchMOS transistor Logic level FET
April 1998 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com