Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNL04S0A0R10PFA Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DNL04S0A0R10PFA
Description  Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNL04S0A0R10PFA Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DNL04S0A0R10PFA Datasheet HTML 4Page - Delta Electronics, Inc. DNL04S0A0R10PFA Datasheet HTML 5Page - Delta Electronics, Inc. DNL04S0A0R10PFA Datasheet HTML 6Page - Delta Electronics, Inc. DNL04S0A0R10PFA Datasheet HTML 7Page - Delta Electronics, Inc. DNL04S0A0R10PFA Datasheet HTML 8Page - Delta Electronics, Inc. DNL04S0A0R10PFA Datasheet HTML 9Page - Delta Electronics, Inc. DNL04S0A0R10PFA Datasheet HTML 10Page - Delta Electronics, Inc. DNL04S0A0R10PFA Datasheet HTML 11Page - Delta Electronics, Inc. DNL04S0A0R10PFA Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
DS_DNM04SIP10_05292006
8
TEST CONFIGURATIONS
VI(+)
VI(-)
BATTERY
2 100uF
Tantalum
L
TO OSCILLOSCOPE
Note: Input reflected-ripple current is measured with a
simulated source inductance. Current is measured at
the input of the module.
Figure 29: Input reflected-ripple test setup
Vo
GND
COPPER STRIP
10uF
tantalum
1uF
ceramic
SCOPE
Resistive
Load
Note: Use a 10µF tantalum and 1µF capacitor. Scope
measurement should be made using a BNC cable.
Figure 30: Peak-peak output noise and startup transient
measurement test setup.
SUPPLY
II
VI
Vo
GND
Io
LOAD
CONTACT AND
DISTRIBUTION LOSSES
CONTACT RESISTANCE
Vo
Vin
Figure 31: Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module
terminals. When the module is not soldered (via
socket), place Kelvin connections at module
terminals to avoid measurement errors due to
contact resistance.
%
100
)
(
×
×
×
=
Ii
Vi
Io
Vo
η
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. Figure 32 shows the input ripple voltage (mVp-p)
for various output models using 200 µF(2 x100uF) low
ESR tantalum capacitor (KEMET p/n: T491D107M016AS,
AVX p/n: TAJD107M106R, or equivalent) in parallel with
47 µF ceramic capacitor (TDK p/n:C5750X7R1C476M or
equivalent). Figure 33 shows much lower input voltage
ripple when input capacitance is increased to 400 µF (4 x
100 µF) tantalum capacitors in parallel with 94 µF (2 x 47
µF) ceramic capacitor.
The input capacitance should be able to handle an AC
ripple current of at least:
Figure 33: Input voltage ripple for various output models, IO =
10 A (CIN = 4
×100 µF tantalum // 2×47 µF ceramic)
0
50
100
150
200
012
34
Output Voltage (Vdc)
5.0Vin
3.3Vin
Figure 32: Input voltage ripple for various output models, IO =
10 A (CIN = 2
×100 µF tantalum // 47 µF ceramic)
0
50
100
150
200
250
300
350
012
34
Output Voltage (Vdc)
5.0Vin
3.3Vin
Arms
Vin
Vout
Vin
Vout
Iout
Irms
⎛ −
=
1


Similar Part No. - DNL04S0A0R10PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL04S0A0R10PFB DELTA-DNL04S0A0R10PFB Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0R10PFD DELTA-DNL04S0A0R10PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0R10PFD DELTA-DNL04S0A0R10PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNL04S0A0R10PFD DELTA-DNL04S0A0R10PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL04S0A0R10PFD DELTA-DNL04S0A0R10PFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNL04S0A0R10PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD_14 Datasheet
744Kb / 17P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD_14 Datasheet
652Kb / 15P
   Delphi DNM series Non-Isolated Point of Load DC/DC Power Modules
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com