Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03DPDG3S Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # 03DPDG3S
Description  SWITCHING TRANSIENT FILTERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03DPDG3S Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  03DPDG3S Datasheet HTML 1Page - Delta Electronics, Inc. 03DPDG3S Datasheet HTML 2Page - Delta Electronics, Inc. 03DPDG3S Datasheet HTML 3Page - Delta Electronics, Inc. 03DPDG3S Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SERIES DIMENSIONS
0.63
16.0
2.04
51.8
3.34
84.8
2.94
74.7
1.575
40.01
2.04
51.8
1.77
45.0
0.63
16.0
1.575
40.01
2.27
57.7
1.77
45.0
5.63
143.0
6.04
153.4
DIMENSIONS IN INCHES/mm
AB
C
D
E
2.77
70.4
3.75
95.2
2.53
64.8
3.14
79.5
2.55
64.8
6.50
165.1
5.27
133.9
6.50
165.1
3.10
78.7
DIMENSIONS IN INCHES/mm
A
BC
D
EFG
75.0
2.95
84.8
3.34
52.0
2.05
65.6
2.58
39.2
1.54
4.06
103.0
56.5
2.22
95.5
3.76
46.4
1.83
114.0
4.49
143.0
5.63
152.9
6.02
134.7
5.30
52.0
2.05
45.3
1.78
3.90
99.0
109.5
4.31
120.0
4.72
2.01
51.0
2.62
66.5
3.39
86.0
2.28
58.0
CURRENT
RATING
STYLE
CG5S
CW5S
DG3S
DW3S
CG5
CW5
CG5
DW3
3A
3A
3A
3A
6A
6A
10A
6A
CG5B, CW5B
CG5B, CW5B
CG5B, CW5B
GG5B, CW5B, CS5B
3A
6A
12A
16A
CURRENT
RATING
STYLE
DIMENSIONS IN INCHES/mm
A
BC
D
EFG
2.40
61.00
45.5
1.79
51.3
2.02
30.0
1.18
71.5
2.81
2.95
75.00
84.8
3.34
51.8
2.04
2.52
64.0
1.54
39.2
3.94
100.0
3A
6A
12A
16A
CURRENT
RATING
STYLE
20A
30A
CG5C, CW5C
CG5C, CW5C
CG5C, CW5C
CG5C, CW5C, CS5C
CG5C, CW5C
CS5C
4.06
103.00
4.49
114.0
2.22
56.5
3.74
95.0
1.83
46.4
3.90
99.0
4.31
109.5
4.72
120.0
2.01
51.0
2.62
66.5
3.39
86.0
2.28
58.0
3.94
100.0
3.94
100.0
3.94
100.0
INSERTION LOSS (TYPICAL)
10DPCG5
06DPCG5
100 dB
10K
100K
1M
40 dB
80 dB
60 dB
20 dB
0dB
10M
80 dB
100 dB
10K
60 dB
100K
1M
03DPCG5S
40 dB
20 dB
0dB
COMMON MODE
10M
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
COMMON MODE
DIFF. MODE
03DPDG3S
03DPDW3S
06DPCG5B
10K
80 dB
100 dB
60 dB
100K
40 dB
20 dB
03DPCG5B
0dB
1M
10M
16DPGG5B
80 dB
100 dB
10K
60 dB
100K
40 dB
20 dB
12DPCG5B
0dB
1M
10M
6-2


Similar Part No. - 03DPDG3S

ManufacturerPart #DatasheetDescription
logo
Yuan Dean Scientific., ...
03D-10A YUANDEAN-03D-10A Datasheet
493Kb / 3P
   DC-DC Converter
03D-12-10 YUANDEAN-03D-12-10 Datasheet
493Kb / 3P
   DC-DC Converter
logo
List of Unclassifed Man...
03DA-8M ETC2-03DA-8M Datasheet
230Kb / 1P
   2.0 mm Pitch DA to KR Standard Catalog Assembly
logo
DIOTEC Electronics Corp...
03DB DEC-03DB Datasheet
332Kb / 2P
   3 AMP SILICON BRIDGE RECTIFIERS
logo
Delta Electronics, Inc.
03DBAG5 DELTA-03DBAG5 Datasheet
155Kb / 2P
   MODELS OTHER THAN POWER ENTRY MODULE TYPES AND P.C. BOARD MOUNTING TYPES
More results

Similar Description - 03DPDG3S

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03DCCG5B DELTA-03DCCG5B Datasheet
1Mb / 2P
   SWITCHING TRANSIENT FILTERS
logo
Tyco Electronics
6VN1 MACOM-6VN1_11 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
6VN1 MACOM-6VN1 Datasheet
346Kb / 2P
   High Performance RFI Filters for Switching Power Supply
3EQ1 MACOM-3EQ1_11 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
6EG1 MACOM-6EG1 Datasheet
50Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
TE Connectivity Ltd
3EQ1 TEC-3EQ1 Datasheet
213Kb / 3P
   Highest Performance RFI Filters for Switching Power Supplies
6VN1 TEC-6VN1 Datasheet
152Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Tyco Electronics
6EG1 MACOM-6EG1_11 Datasheet
159Kb / 2P
   High Performance RFI Filters for Switching Power Supplies
logo
Murata Manufacturing Co...
SFECF10M7DF00S0-R0 MURATA-SFECF10M7DF00S0-R0_17 Datasheet
223Kb / 3P
   Filters
SFECF10M7FF00S0-R0 MURATA-SFECF10M7FF00S0-R0_17 Datasheet
223Kb / 3P
   Filters
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com