Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

03BEENG3GM Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # 03BEENG3GM
Description  SWITCH CONNECTOR FILTERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

03BEENG3GM Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  03BEENG3GM Datasheet HTML 1Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
COMPONENTS
ELECTRICAL SCHEMATIC
BESERIES
SPECIFICATIONS
DVE
MINIMUM INSERTION LOSS IN dB
SWITCH CONNECTOR FILTERS
1. Maximum leakage current each
line-to-ground @ 115VAC 60Hz: 0.25mA
@ 250VAC 50Hz: 0.45mA
2. Hipot rating (one minute)
line-to-ground: 2250VDC
line-to-line: 1450VDC
3. Operating frequency: 50/60Hz
4. Rated voltage: 115/250VAC
4-10
1. Designed as a general purpose filter with a switch
effective EMI supression for both common and
differential mode noise.
2. With optional resistor and 3300pF/1000pF
PART NO.
Cx (uF) L (mH) Cy (pF) R (M ) Lg (mH)
2200
2.4
-
-
2200
0.12
2200
0.1
0.8
-
1.0
-
2200
0.12
2200
0.3
-
-
2200
0.12
03BEEG3G/NG3G
03BEEG3GM/NG3GM
03BEEG3GA/NG3GA
06BEEG3G/NG3G
06BEEG3GM/NG3GM
06BEEG3GA/NG3GA
10BEEG3G/NG3G
10BEEG3GM/NG3GM
10BEEG3GA/NG3GA
A: with ground choke
M: medical type
CURRENT
FREQUENCY-MHz
RATING
.15
.50
1.0
5.0
10
30
3A (G) (A)
20
30
35
35
35
35
COMMON MODE (L-G) IN 50 OHM SYSTEM
DIFFERENTIAL MODE (L-L) IN 50 OHM SYSTEM
3A (M)
20
30
35
20
15
5
6A (G) (A)
10
20
25
35
40
35
6A (M)
10
20
20
20
15
10
10A (G) (A)
5
10
20
30
35
35
10A (M)
5
10
10
15
15
10
3A (G) (A)
4
10
20
35
35
40
3A (M)
5
15
20
30
30
20
6A (G) (A)
4
10
10
35
35
40
6A (M)
4
10
15
25
25
20
10A (G) (A)
5
10
20
30
35
35
10A (M)
4
10
10
20
20
20
L
O
C2
A
D
C2
L'
N'
G'
C1
L
SW
L
I
L
N
E
G
N
R
I
N
G
E
N
L
L
SW
R
C1
N'
L'
G'
C2
C2
L
O
D
A
L
R: OPTION
Lg
3GA ONLY
MECHANICAL CONSTRUCTION
UNIT: INCH
mm
R0.098(8X)
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
R3.5
M3
1.535 0.004
1.713 REF.
R2.5(8X)
R0.14
39.0 0.1
43.5 REF.
2.146 REF.
54.5 REF.
2.264 REF.
57.5 REF.
1.417
36.0
1.563 0.004
SUGGESTED MOUNTING CUTOUT
(MOUNTING FROM FRONT)
1.22 0.004
1.713 REF.
43.5 REF.
2.146 REF.
54.5 REF.
2.264 REF.
57.5 REF.
R2.5(8X)
R0.098(8X)
R0.14
R3.5
39.70 0.1
31.0 0.1
BEEG3G
BENG3G
BENG3G
BEEG3G
Suggested thickness of mounting
panel is from 0.04(1.0) to 0.63(1.6) inch(mm)
of mounting cutout
INTRODUCTIONS


Similar Part No. - 03BEENG3GM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
03BEEG3G/NG3G/-R DELTA-03BEEG3G/NG3G/-R Datasheet
1Mb / 1P
   SWITCH CONNECTOR FILTERS
03BEEG3G/NG3G/-R DELTA-03BEEG3G/NG3G/-R Datasheet
1Mb / 1P
   SWITCH CONNECTOR FILTERS
03BEEG3GA/NG3GA/-R DELTA-03BEEG3GA/NG3GA/-R Datasheet
1Mb / 1P
   SWITCH CONNECTOR FILTERS
03BEEG3GA/NG3GA/-R DELTA-03BEEG3GA/NG3GA/-R Datasheet
1Mb / 1P
   SWITCH CONNECTOR FILTERS
More results

Similar Description - 03BEENG3GM

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
10BENG3G DELTA-10BENG3G Datasheet
1Mb / 1P
   SWITCH CONNECTOR FILTERS
06BEEG3G-R DELTA-06BEEG3G-R Datasheet
1Mb / 1P
   SWITCH CONNECTOR FILTERS
logo
Pulse A Technitrol Comp...
PE-52647 PULSE-PE-52647 Datasheet
72Kb / 1P
   Switch Mode Power Converters & Ripple Filters
P587 PULSE-P587 Datasheet
72Kb / 1P
   Switch Mode Power Converters & Ripple Filters
logo
Delta Electronics, Inc.
04BEEG3H DELTA-04BEEG3H Datasheet
189Kb / 1P
   FUSE CONNECTOR FILTERS
logo
Frequency Devices, Inc.
R854 FREQUENCYDEVICES-R854 Datasheet
441Kb / 13P
   2" x 4" Range Switch 4-Pole Filters
R858 FREQUENCYDEVICES-R858 Datasheet
527Kb / 19P
   2" x 4" Range Switch 8-Pole Filters
logo
Delta Electronics, Inc.
04BEEG3F-R DELTA-04BEEG3F-R Datasheet
694Kb / 1P
   DUAL-FUSE CONNECTOR FILTERS
04SB4 DELTA-04SB4 Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
03NB4 DELTA-03NB4 Datasheet
3Mb / 3P
   COMPACT IEC CONNECTOR FILTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com