Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SB857-X-TN3-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2SB857-X-TN3-T
Description  SILICON PNP TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2SB857-X-TN3-T Datasheet(HTML) 2 Page - Unisonic Technologies

  2SB857-X-TN3-T Datasheet HTML 1Page - Unisonic Technologies 2SB857-X-TN3-T Datasheet HTML 2Page - Unisonic Technologies 2SB857-X-TN3-T Datasheet HTML 3Page - Unisonic Technologies 2SB857-X-TN3-T Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SB857
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R217-206,C
ABSOLUTE MAXIMUM RATING (Ta=25℃)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltages
VCBO
-130
V
Collector-Emitter Voltage
VCEO
-100
V
Emitter-Base Voltage
VEBO
-5
V
Collector Current
IC
-4
A
Collector Current (IC Peak)
IC(PEAK)
-8
A
TO-126C
1.5
W
Total Power Dissipation
TO-252
PD
1.9
W
Junction Temperature
TJ
+150
Storage Temperature
TSTG
-40 ~ +150
Note Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25℃)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-10µA, IE=0
-130
V
Collector-Emitter Breakdown Voltage
BVCEO
IC=-50mA, IB=0
-100
V
Emitter-Base Breakdown Voltage
BVEBO
IE=-10µA, IC=0
-5
V
Collector-Emitter Saturation Voltage
*VCE(SAT) IC=-2A, IB=-0.2A
-1
V
Base-Emitter Saturation Voltage
*VBE(ON) VCE=-4V, IC=-1A
-1
V
Collector Cut-off Current
ICBO
VCB=-130V, IC=0
-1
µA
*hFE1
VCE=-4V, IC=-0.1A
35
DC Current Gain
*hFE2
VCE=-4V, IC=-1A
60
320
Transition Frequency
fT
VCE=-4V, IC=-500mA, f=100MHz
15
MHz
Note *Pulse Test: Pulse Width
380
µS, Duty Cycle
2%.
CLASSIFICATION OF hFE2
CLASSIFICATION
B
C
D
RANGE
60 ~ 120
100 ~ 200
160 ~ 320


Similar Part No. - 2SB857-X-TN3-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
2SB857-X-TN3-R UTC-2SB857-X-TN3-R Datasheet
175Kb / 4P
   SILICON PNP TRANSISTOR
More results

Similar Description - 2SB857-X-TN3-T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
   SILICON PNP TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HMPS6562 HSMC-HMPS6562 Datasheet
38Kb / 4P
   PNP SILICON TRANSISTOR
logo
AUK corp
SRA2201M AUK-SRA2201M Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2201SF AUK-SRA2201SF Datasheet
51Kb / 3P
   PNP Silicon Transistor
SRA2202UF AUK-SRA2202UF Datasheet
193Kb / 3P
   PNP Silicon Transistor
SRA2204S AUK-SRA2204S Datasheet
52Kb / 3P
   PNP Silicon Transistor
SRA2206 AUK-SRA2206 Datasheet
49Kb / 3P
   PNP Silicon Transistor
SRA2206EF AUK-SRA2206EF Datasheet
44Kb / 3P
   PNP Silicon Transistor
SRA2206SF AUK-SRA2206SF Datasheet
44Kb / 3P
   PNP Silicon Transistor
STN2907 AUK-STN2907 Datasheet
226Kb / 4P
   PNP Silicon Transistor
STS8550 AUK-STS8550 Datasheet
96Kb / 3P
   PNP Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com